Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP102
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP102 Datasheet(HTML) 1 Page - STMicroelectronics

  TIP102 Datasheet HTML 1Page - STMicroelectronics TIP102 Datasheet HTML 2Page - STMicroelectronics TIP102 Datasheet HTML 3Page - STMicroelectronics TIP102 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP102
TIP105 TIP107
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The TIP102 is a silicon Epitaxial-Base NPN
power
transistor
in
monolithic
Darlington
configuration
mounted
in
TO-220
plastic
package. It is intented for use in power linear and
switching applications.
The complementary PNP type is TIP107.
Also TIP105 is a PNP type.
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Un it
NPN
TIP102
PNP
TIP105
TIP107
VCBO
Collector-Base Voltage (IE = 0)
60
100
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
100
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collector Current
8
A
ICM
Collector Peak Current
15
A
IB
Base Current
1
A
Ptot
T otal Dissipat ion at Tcase
≤ 25 oC
T amb
≤ 25 oC
80
2
W
W
Tstg
Storage Temperature
-65 t o 150
o C
Tj
Max. Operating Junction Temperature
150
o C
* For PNP types voltage and current values are negative.
1
2
3
TO-220
R1 Typ. = 5 K
Ω
R2 Typ. = 150
Ω
1/4


Similar Part No. - TIP102

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP102 MOSPEC-TIP102 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP102 MOTOROLA-TIP102 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP102 ONSEMI-TIP102 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP102 POINN-TIP102 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
TIP102 FAIRCHILD-TIP102 Datasheet
51Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results

Similar Description - TIP102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com