Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2302CDDXPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2302CDDXPBF
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302CDDXPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2302CDDXPBF Datasheet HTML 3Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 4Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 5Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 6Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 7Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 8Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 9Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 10Page - Linear Technology LTC2302CDDXPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2302/LTC2306
7
23026f
Sleep Current vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Analog Input Leakage Current vs
Temperature
Offset Error vs Temperature
Full-Scale Error vs Temperature
(LTC2302) TA = 25°C, VDD = OVDD = 5V, VREF = 4.096V, fSMPL = 500ksps, unless otherwise noted.
TEMPERATURE (°C)
–50
0
1
3
4
5
10
7
0
50
75
23026 G09
2
8
9
6
–25
25
100
125
TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
0
50
75
23026 G10
200
800
900
600
–25
25
100
125
TEMPERATURE (°C)
–50
–1.0
–1.5
–2.0
–2.5
–0.5
0.5
1.0
1.5
2.5
0
50
75
23026 G11
0
2.0
–25
25
100
125
BIPOLAR
UNIPOLAR
TEMPERATURE (°C)
–50
1.5
25
23026 G12
0
–1.0
–25
0
50
–1.5
–2.0
2.0
1.0
0.5
–0.5
75
100
125
BIPOLAR
UNIPOLAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com