| Electronic Components Datasheet Search |
|
MPDT1002FBS Datasheet(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MPDT1002FBS Datasheet(HTML) 3 Page - Vishay Siliconix |
|
3 / 4 page ![]() MPD/MPDA Vishay Thin Film Molded, SOT-143 Resistor Network www.vishay.com For technical questions, contact: thin-film@vishay.com Document Number: 60016 14 Revision: 17-Sep-07 GLOBAL PART NUMBER INFORMATION New Global Part Numbering: MPDAT3002AWS (preferred part number format) GLOBAL MODEL (4 or 5 digits) RESISTANCE TOLERANCE AND RATIO TOLERANCE PACKAGING MPDA (Three equal series resistors Tin/lead) MPDAT (Three equal series resistors) (Lead (Pb)-free) (e3) First 3 digits are significant figures and the last digit specifies the number of zeros to follow. When like values are required use total resistance. Example: 3002 = Three 10 k Ω resistors Abs. Tol. A = ± 0.1 % B = ± 0.1 % C = ± 0.25 % D = ± 0.5 % F = ± 1 % Ratio ± 0.05 % ± 0.1 % ± 0.1 % ± 0.1 % ± 0.5 % BS = BULK 100 Min 1 Mult WS = WAFFLE 100 Min 1 Mult TAPE AND REEL T1 = 1000 Min 1000 Mult Historical Part Number example: MPDA3002BT (will continue to be accepted) MPDA 3002 B T SERIES RESISTANCE TOLERANCE AND RATIO TOLERANCE PACKAGING DA T 3 0 0 2 A W S MP D A 30 02 A W S MP |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |