Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3V393 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3V393
Description  3V MICROPOWER DUAL VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V393 Datasheet(HTML) 3 Page - STMicroelectronics

  TS3V393 Datasheet HTML 1Page - STMicroelectronics TS3V393 Datasheet HTML 2Page - STMicroelectronics TS3V393 Datasheet HTML 3Page - STMicroelectronics TS3V393 Datasheet HTML 4Page - STMicroelectronics TS3V393 Datasheet HTML 5Page - STMicroelectronics TS3V393 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = 3V, VCC- = 0V, Tamb =25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage - (note 1)
Vic = 1.5V
Tmin.
≤ Tamb ≤ Tmax.
5
6.5
mV
Iio
Input Offset Current - (note 2)
Vic = 1.5 V
Tmin.
≤ T
amb
≤ T
max.
1
300
pA
Iib
Input Bias Current - (note 2)
Vic = 1.5 V
Tmin.
≤ Tamb ≤ Tmax.
1
600
pA
Vicm
Input Common Mode Voltage Range
Tmin.
≤ T
amb
≤ T
max.
0to VCC
+-1.2
0to VCC
+ -1.5
V
CMR
Common-mode Rejection Ratio
Vic =Vicm min.70
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ =3V to 5V
70
dB
IOH
High Level Output Current
Vid = +1V, VOH =3V
Tmin.
≤ Tamb ≤ Tmax.
240
1000
nA
VOL
Low Level Output Voltage
Vid = -1V, IOL= +6mA
Tmin.
≤ Tamb ≤ Tmax.
400
550
800
mV
ICC
Supply Current (each comparator)
No load - Outputs low
Tmin.
≤ T
amb
≤ T
max.
920
25
µA
tPLH
Response Time Low to High
Vic = 0V, f = 10kHz, RL = 5.1k
Ω,CL = 15pF, Overdrive = 5mV
TTL Input
1.5
0.7
µs
tPHL
Response Time High to Low
Vic = 0V, f = 10kHz, RL = 5.1k
Ω,CL = 15pF, Overdrive = 5mV
TTL Input
2.5
0.08
µs
Note :
1. The specified offset voltage is the maximun value required to drive the output up to 4.5V or down to 0.3V.
2. Maximum values including unavoidable inaccuracies of the industrial test.
TS3V393
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com