Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPDHTK1002DT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPDHTK1002DT3
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPDHTK1002DT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MPDHTK1002DT3 Datasheet HTML 1Page - Vishay Siliconix MPDHTK1002DT3 Datasheet HTML 2Page - Vishay Siliconix MPDHTK1002DT3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
MPH
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60013
40
Revision: 05-May-08
Vishay Thin film offers a four terminal hermetic leadless chip
carrier package with precision matched pair elements. The
network features tight ratio tolerance and close tracking over
a 100
Ω to 100 kΩ resistance range. For custom schematics
and values contact applications engineering.
FEATURES
• Lead (Pb)-free available
• True hermetic construction
• Exceptional
stability
and
performance
characteristics (500 ppm at + 70 °C, 10 000 h)
• Nickel barrier terminations
• Stable thin film resistor element (500 ppm at
+ 70 °C, 10 000 h)
• Military/Aerospace
• Hermetically sealed
TYPICAL PERFORMANCE
SCHEMATIC
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.05
4
2
R
1
2
R
2
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
Resistance Range
100
Ω to 100 kΩ
TCR:
Tracking
± 2 ppm/°C (typical < 1 ppm/°C equal values)
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C standard
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.1 % to ± 0.05 %
+ 25 °C
Absolute
± 1.0 % to ± 0.1 %
+ 25 °C
Power Rating:
Resistor
1000 mW per element
Max. at + 70 °C
Package
250 mW
Max. at + 70 °C
Stability:
ΔR Absolute
0.10 %
2000 h at + 70 °C
ΔR Ratio
0.03 %
2000 h at + 70 °C
Voltage Coefficient
< 0.1 ppm/V
Working Voltage
50 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 125 °C
Noise
< - 30 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability:
Absolute
< 100 ppm
1 year at + 25 °C
Ratio
< 20 ppm
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - MPDHTK1002DT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPD VISHAY-MPD Datasheet
280Kb / 4P
Molded, SOT-143 Resistor Network
17-Sep-07
logo
Marki Microwave
MPD-0226SM MARKIMICROWAVE-MPD-0226SM Datasheet
407Kb / 7P
2-26.5 GHz MMIC 2-way Power Divider/Combiner
logo
Mini-Circuits
MPD-1 MINI-MPD-1 Datasheet
68Kb / 1P
Phase Detectors 1000mV DC output , 7dBmRF
MPD-1+ MINI-MPD-1+ Datasheet
204Kb / 1P
PHASE DETECTORS
logo
Astrodyne Corporation
MPD-120 ASTRODYNE-MPD-120 Datasheet
390Kb / 3P
120W 1~4 Output for Medical Type
More results

Similar Description - MPDHTK1002DT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
25-Jan-02
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
06-Jul-06
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
Molded, 50 Mil Pitch Resistor Networks
05-Mar-08
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
02-Oct-08
ORN VISHAY-ORN Datasheet
375Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
10-Aug-07
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
16-Apr-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
20-Oct-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com