Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56724 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56724
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56724 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56724 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
9
1.1.7
External Clock Operation
The DSP56724/DSP56725 system clock is derived from the on-chip oscillator or is externally supplied. To use the on-chip
oscillator, connect a crystal and associated resistor/capacitor components to EXTAL and XTAL; see Figure 6.
Figure 6. Using the On-Chip Oscillator
If the DSP56724/DSP56725 system clock is an externally supplied square wave voltage source, it is connected to EXTAL
(Figure 7). When the external square wave source is connected to EXTAL, the XTAL pin is not used.
Figure 7. External Clock Timing
3
PLL VCO Frequency
Fvco
200
—
500
MHz
Fvco = (Fin * NF)/NR
4
Output Clock Frequency [1] [2]
• with PLL enabled
• with PLL disabled
Fout
25
—
—
200 or 250
200 or 250
MHz
Fout = Fvco/NO
Fout = Fin
5
System Clock Frequency
• with PLL enabled[2]
• with PLL disabled
Fsys
0.195
0
—
200 or 250
200
MHz
Fsys = Fout/2DF
Fsys = Fout
Note:
1. Fin = External frequency
NF = Multiplication Factor
NR = Predivision Factor
NO = Output Divider
DF = Division Factor
2. Maximum frequency of 200 MHz supported at 0.95 V < VVDD_CORE < 1.05 V and –40 < Tj < 100° C
Maximum frequency of 250 MHz supported at 1.14 V < VVDD_CORE < 1.26 V and 0 < Tj < 90° C
Table 5. Internal Clocks (Continued)
No.
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
Suggested component values:
fosc = 24.576 MHz
R = 1 M ±10%
C (EXTAL)= 18 pF
Calculations are for a 5–30 MHz crystal with the following parameters:
• shunt capacitance (C0) of 10 pq–F12 pF
• series resistance 40 Ohm
C (XTAL) = 18 pF
• drive level of 10
μW
XTAL
EXTAL
R
XTAL1
C
C
EXTAL
VIL
VIH
Midpoint
Note:
The midpoint is 0.5 (VIH + VIL).
Eth
Etl
Etc
7
8
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com