Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7699BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7699BCPZ
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7699BCPZ Datasheet HTML 20Page - Analog Devices AD7699BCPZ Datasheet HTML 21Page - Analog Devices AD7699BCPZ Datasheet HTML 22Page - Analog Devices AD7699BCPZ Datasheet HTML 23Page - Analog Devices AD7699BCPZ Datasheet HTML 24Page - Analog Devices AD7699BCPZ Datasheet HTML 25Page - Analog Devices AD7699BCPZ Datasheet HTML 26Page - Analog Devices AD7699BCPZ Datasheet HTML 27Page - Analog Devices AD7699BCPZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7699
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
2.65
2.50 SQ
2.35
3.75
BSC SQ
4.00
BSC SQ
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-1
1
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
20
6
16
10
11
15
5
EXPOSED
PAD
(BOTTOM VIEW)
0.60 MAX
0.60 MAX
0.25 MIN
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 41. 20-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
4 mm × 4 mm Body, Very Thin Quad
(CP-20-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Integral
Nonlinearity
No Missing
Code
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
AD7699BCPZ1
±1.5 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP_VQ
CP-20-4
Tray, 490
AD7699BCPZRL71
±1.5 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP_VQ
CP-20-4
Reel, 1500
EVAL-AD7699CBZ1
Evaluation Board
EVAL-CONTROL BRD3Z1, 2
Controller Board
1 RoHS Compliant Part.
2 This controller board allows a PC to control and communicate with all Analog Devices evaluation boards whose model numbers end in CB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com