Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9714BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9714BCPZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9714BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9714BCPZ Datasheet HTML 15Page - Analog Devices AD9714BCPZ Datasheet HTML 16Page - Analog Devices AD9714BCPZ Datasheet HTML 17Page - Analog Devices AD9714BCPZ Datasheet HTML 18Page - Analog Devices AD9714BCPZ Datasheet HTML 19Page - Analog Devices AD9714BCPZ Datasheet HTML 20Page - Analog Devices AD9714BCPZ Datasheet HTML 21Page - Analog Devices AD9714BCPZ Datasheet HTML 22Page - Analog Devices AD9714BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 19 of 48
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
Figure 18. AD9716 Precalibration INL at 3.3 V
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
Figure 19. AD9716 Precalibration DNL at 3.3 V
0.13
0.08
0.03
–0.02
–0.07
–0.12
0
128
256
384
512
640
768
896
1024
CODE
Figure 20. AD9715 Precalibration INL at 1.8 V
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
512
1024
1536
2048
2560
3072
3584
4098
CODE
Figure 21. AD9716 Postcalibration INL at 3.3 V
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
Figure 22. AD9716 Postcalibration DNL at 3.3 V
0.13
0.08
0.03
–0.02
–0.07
–0.12
0
128
256
384
512
640
768
896
1024
CODE
Figure 23. AD9715 Postcalibration INL at 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com