Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9992BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 16Page - Analog Devices AD9992BBCZ Datasheet HTML 17Page - Analog Devices AD9992BBCZ Datasheet HTML 18Page - Analog Devices AD9992BBCZ Datasheet HTML 19Page - Analog Devices AD9992BBCZ Datasheet HTML 20Page - Analog Devices AD9992BBCZ Datasheet HTML 21Page - Analog Devices AD9992BBCZ Datasheet HTML 22Page - Analog Devices AD9992BBCZ Datasheet HTML 23Page - Analog Devices AD9992BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
AD9992
Rev. C | Page 20 of 92
3
2
1
HD
CLPOB
PBLK
PROGRAMMABLE SETTINGS:
1START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW).
2FIRST TOGGLE POSITION.
3SECOND TOGGLE POSITION.
ACTIVE
ACTIVE
Figure 22. Clamp and Preblank Pulse Placement
NO CLPOB SIGNAL
FOR LINE 600
VD
HD
NO CLPOB SIGNAL
FOR LINES 6 TO 8
CLPMASKSTART1 = 6
CLPMASKEND1 = 8
0
1
2
597 598
CLPMASKSTART2 = CLPMASKEND2 = 600
CLPOB
Figure 23. CLPOB Masking Example
Individual HBLK Patterns
The HBLK programmable timing shown in Figure 24 is similar
to CLPOB and PBLK; however, there is no start polarity control.
Only the toggle positions are used to designate the start and
stop positions of the blanking period. Additionally, there are
separate masking polarity controls for H1, H2, and HL that
designate the polarity of the horizontal clock signals during
the blanking period. Setting HBLKMASK_H1 high sets H1, and
therefore H3, H5, and H7, low during the blanking, as shown in
Figure 25. As with the CLPOB and PBLK signals, HBLK
registers are available in each V-sequence, allowing different
blanking signals to be used with different vertical timing
sequences.
The AD9992 supports three modes of HBLK operation. HBLK
Mode 0 supports basic operation and some support for special
HBLK patterns. HBLK Mode 1 supports pixel mixing HBLK
operation. HBLK Mode 2 supports advanced HBLK operation.
The following sections describe each mode in detail. Register
parameters are described in detail in Table 11.
HBLK Mode 0 Operation
There are six toggle positions available for HBLK. Normally,
only two of the toggle positions are used to generate the standard
HBLK interval. However, the additional toggle positions can be
used to generate special HBLK patterns, as shown in Figure 26.
The pattern in this example uses all six toggle positions to
generate two extra groups of pulses during the HBLK interval.
By changing the toggle positions, different patterns can be
created.
Separate toggle positions are available for even and odd lines. If
alternation is not needed, the same values should be loaded into
the registers for even (HBLKTOGE) and odd (HBLKTOGO) lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com