Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9783BCPZRL Datasheet(PDF) 9 Page - Analog Devices

Part # AD9783BCPZRL
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZRL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9783BCPZRL Datasheet HTML 5Page - Analog Devices AD9783BCPZRL Datasheet HTML 6Page - Analog Devices AD9783BCPZRL Datasheet HTML 7Page - Analog Devices AD9783BCPZRL Datasheet HTML 8Page - Analog Devices AD9783BCPZRL Datasheet HTML 9Page - Analog Devices AD9783BCPZRL Datasheet HTML 10Page - Analog Devices AD9783BCPZRL Datasheet HTML 11Page - Analog Devices AD9783BCPZRL Datasheet HTML 12Page - Analog Devices AD9783BCPZRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 9 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
0
32,768
16,384
65,535
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
CODE
49,152
Figure 5. AD9783 INL, TA = 85°C, FS = 20 mA
5
4
3
2
1
0
–1
–2
–3
0
CODE
32,768
16,384
65,535
49,152
Figure 6. AD9783 INL, TA = 25°C, FS = 20 mA
0
5
4
3
2
1
0
–1
–2
–3
CODE
32,768
16,384
65,535
49,152
Figure 7. AD9783 INL, TA = −40°C, FS = 20 mA
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
0
CODE
32,768
16,384
65,535
49,152
Figure 8. AD9783 DNL, TA = 85°C, FS = 20 mA
0
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
CODE
32,768
16,384
65,535
49,152
Figure 9. AD9783 DNL, TA = 25°C, FS = 20 mA
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
CODE
32,768
16,384
65,535
49,152
Figure 10. AD9783 DNL, TA = −40°C, FS = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com