Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4075-2ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4075-2ARZ
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4075-2ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4075-2ARZ Datasheet HTML 8Page - Analog Devices ADA4075-2ARZ Datasheet HTML 9Page - Analog Devices ADA4075-2ARZ Datasheet HTML 10Page - Analog Devices ADA4075-2ARZ Datasheet HTML 11Page - Analog Devices ADA4075-2ARZ Datasheet HTML 12Page - Analog Devices ADA4075-2ARZ Datasheet HTML 13Page - Analog Devices ADA4075-2ARZ Datasheet HTML 14Page - Analog Devices ADA4075-2ARZ Datasheet HTML 15Page - Analog Devices ADA4075-2ARZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4075-2
Rev. 0 | Page 12 of 24
TIME (1s/DIV)
VSY = ±15V
Figure 44. 0.1 Hz to 10 Hz Noise
2
4
6
8
4
6
8
101214
1618
0
SUPPLY VOLTAGE (±V)
+125°C
+85°C
+25°C
–40°C
Figure 45. Supply Current vs. Supply Voltage
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
VIN = 10V p-p
RL = 2kΩ
Figure 46. Channel Separation vs. Frequency
TIME (1s/DIV)
VSY = ±5V
Figure 47. 0.1 Hz to 10 Hz Noise
0
1
2
3
4
5
6
–40 –25 –10
5
20
35
50
65
80
95
110 125
VSY = ±15V
VSY = ±5V
TEMPERATURE (°C)
Figure 48. Supply Current vs. Temperature
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±5V
VIN = 5V p-p
RL = 2kΩ
Figure 49. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com