Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4927-2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4927-2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4927-2 Datasheet HTML 16Page - Analog Devices ADA4927-2 Datasheet HTML 17Page - Analog Devices ADA4927-2 Datasheet HTML 18Page - Analog Devices ADA4927-2 Datasheet HTML 19Page - Analog Devices ADA4927-2 Datasheet HTML 20Page - Analog Devices ADA4927-2 Datasheet HTML 21Page - Analog Devices ADA4927-2 Datasheet HTML 22Page - Analog Devices ADA4927-2 Datasheet HTML 23Page - Analog Devices ADA4927-2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 21 of 24
POWER-DOWN
The power-down feature can be used to reduce power
consumption when a particular device is not in use and does
not place the output in a high-Z state when asserted. The
ADA4927 is generally enabled by pulling the power-down pin
to the positive supply. See the Specifications tables for the
specific voltages required to assert and deassert the power-
down feature.
Power-Down in Cold Applications
The power-down feature should not be used in applications in
which the ambient temperature falls below 0°C. Contact sales
for information regarding applications that require the power-
down feature to be used at ambient temperatures below 0°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com