Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XO5120-XXX-R Datasheet(PDF) 1 Page - MTRONPTI

Part # XO5120-XXX-R
Description  1.4x1 inch, HCMOS or Sinewave, OCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO5120-XXX-R Datasheet(HTML) 1 Page - MTRONPTI

  XO5120-XXX-R Datasheet HTML 1Page - MTRONPTI XO5120-XXX-R Datasheet HTML 2Page - MTRONPTI XO5120-XXX-R Datasheet HTML 3Page - MTRONPTI XO5120-XXX-R Datasheet HTML 4Page - MTRONPTI XO5120-XXX-R Datasheet HTML 5Page - MTRONPTI XO5120-XXX-R Datasheet HTML 6Page - MTRONPTI XO5120-XXX-R Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Product Features
Product Description
Product Applications
Product Ordering Information
XO5120 Series
1.4x1 inch, HCMOS or Sinewave, OCXO
Most precise single, OCXO in the industry
•
Stability to ±2 ppb (commercial temperature) and ±3 ppb
•
(industrial temperature)
Excellent phase noise performance (-155 dBc at 10kHz
•
offset)
Customcapabilitiesforspecificapplicationoptimization
•
RoHS 5/6 now - RoHS 6/6 in development
•
The XO5120 series is an industry standard 1” x 1.4” single OCXO which offers the best in phase
noise combined with stability over a wide range of operating temperatures. With output logic (HC-
MOS/TTL)orsinewave,thisproductfitsmostapplications.TheXO5120seriesisbasedona
standarddesignplatformthatcanthenbetailoredtothecustomer’sspecificrequirementswithlittle
extraeffort.Standardfrequenciesof10.00,12.80,13.00,16.384,and20.00MHzareavailableas
standarddesigns.Otherfrequenciesbetween10and100MHzcanbedevelopedinashorttime.
The basis for all reference timing sources. With stability to +/-2ppb, this device even replaces
Double OCXOs (DOCXO) in some applications. It can be used in:
Microwave radios
•
Base stations
•
TestandMeasurementequipment
•
Reference timing circuits
•
Revision: 2-19-08


Similar Part No. - XO5120-XXX-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5120 MTRONPTI-XO5120 Datasheet
230Kb / 1P
1.4x1 inch, TTL or Sinewave, OCXO
More results

Similar Description - XO5120-XXX-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO3090 MTRONPTI-XO3090 Datasheet
199Kb / 1P
0.8x0.8 inch, 5.0 Volt, HCMOS/Sinewave, TCXO
XO5019 MTRONPTI-XO5019 Datasheet
210Kb / 1P
2x2 inch, 12.0 Volt, CMOS/Sinewave, OCXO
XO5030 MTRONPTI-XO5030 Datasheet
217Kb / 1P
1.5x1.5 inch, 12.0 Volt, HCMOS/Sinewave, OCXO
XO5040 MTRONPTI-XO5040 Datasheet
220Kb / 1P
2x2 inch, 15.0 Volt, HCMOS/Sinewave, DOCXO
XO5051 MTRONPTI-XO5051 Datasheet
207Kb / 1P
2x2 inch, 12.0 & 15.0 Volt, Sinewave, OCXO
XO5080 MTRONPTI-XO5080 Datasheet
208Kb / 1P
1x1 inch, 5.0 Volt, HCMOS or Sinewave, OCXO
XO5120 MTRONPTI-XO5120 Datasheet
230Kb / 1P
1.4x1 inch, TTL or Sinewave, OCXO
logo
Connor-Winfield Corpora...
OFC12CJ4BA CONNOR-WINFIELD-OFC12CJ4BA Datasheet
160Kb / 2P
12.00V SINEWAVE OCXO
logo
EUROQUARTZ limited
YH1310 EUROQUARTZ-YH1310 Datasheet
84Kb / 1P
Low Phase Noise - HCMOS or Sinewave
YH1322 EUROQUARTZ-YH1322 Datasheet
97Kb / 1P
Very Low Phase Noise - HCMOS or Sinewave
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com