Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33981BPNA/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33981BPNA/R2
Description  Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33981BPNA/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33981BPNA/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33981
DYNAMIC ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 6. Normal Mode, Independent High Side and Low Side
EN
INHS
INLS
OUT
GLS
FS
High Side ON
High Side OFF
tON After
CONF
0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com