Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC34674CEP/R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC34674CEP/R2
Description  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674CEP/R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC34674CEP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34674
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 18. 34674 Functional Internal Block Diagram
INTEGRATED SUPPLY
INTERNAL SUPPLY AND REFERENCE
The internal supply and reference block steps down the
high input voltage to a lower voltage to power all the internal
control blocks. In addition, this block generates the reference
voltages for other functional blocks.
SENSING AND CONTROL
VIN MONITOR
The VIN monitor block monitors the input voltage for two
thresholds, power-on-reset (POR) and over-voltage
protection (OVP). If the input is lower than the POR or higher
than the OVP threshold, this block outputs a logic signal to
disable the charger.
CHARGE CONTROL
The charge-control block controls the gate voltage of the
power MOSFET to regulate the charge current, the battery
voltage, or the die temperature. It can also completely turn off
the power MOSFET to stop the current flow between the
input and the battery.
EOC (END OF CHARGE)
The EOC block monitors the charge current and the
battery voltage for the EOC conditions. Once the EOC
conditions are reached, this block outputs a logic signal to
indicate the end of the charge.
VIN-BAT COMPARATOR
The VIN-BAT comparator monitors the voltage difference
between the input voltage VIN and the battery voltage VBAT,
as shown in Figure 2. The input voltage has to be higher than
the battery voltage for the charger to be enabled. If the input
voltage falls below the battery voltage, this block outputs a
signal to disable the charger to prevent the leakage current
from the battery to the input. Due to the intrinsic input offset
voltage of the VIN-BAT comparator, a small voltage, VOS, is
added. The added VOS guarantees that the power MOSFET
is turned off when the input voltage is lower than the battery
voltage.
DIE TEMPERATURE FEEDBACK
The die temperature feedback block monitors the die
temperature. Once the die temperature reaches a threshold
of 110°C, the charge-control block can reduce the charge
current to prevent further temperature rise.
NTC INTERFACE
The NTC interface block offers an interface to an external
NTC thermistor circuit to monitor the battery temperature and
to set the charge temperature window.
MC34674 - Functional Block Diagram
Integrated Supply
Sensing & Control
MOSFET
Power MOSFET
Logic
Integrated Supply
Internal Supply & Reference
Sensing & Control
Logic
Die Temperature Feedback
Status Indication
VIN - BAT Compare
VIN Monitor
Charge Control
Logic Control
NTC Thermistor Interface
End of Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com