Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EQXP-HC72 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EQXP-HC72
Description  HCMOS 7x5mm 2.5V OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EQXP-HC72 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EQXP-HC72 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
EQXP-HC72 SERIES
Description
The XPRESSO range of fully configurable oscillators utilizes a
family of proprietary ASICs developed for noise reduction to
provide oscillators with noise levels comparable to traditional
bulk-produced quartz and SAW-based oscillators.
XPRESSO oscillators are low-cost, low-noise, with a wide
frequency range, excellent ambient performance and
available on very short leadtimes. All XPRESSO oscillators
are 100% final tested .
·
Extremely low jitter
·
Low cost
·
Express delivery
·
Stability from ±20ppm, -40 to +85°C
·
RoHS compliant
·
Serial ID with comprehensive traceability
Features
OUTLINE & DIMENSIONS
Frequency Range:
0.750MHz ~ 180.0MHz
Frequency stability:
from ±20ppm to ±100ppm
Operating Temperature Range:
-40° ~ +85°C
Storage Temperature Range:
-55° ~ +125°C
Supply Voltage:
+2.5 Volts ±5%
Input Current
0.75 ~ 20MHz:
22mA max.
20+ ~ 50MHz:
25mA max.
50+ ~ 100MHz:
29mA max.
100+ ~ 130MHz:
32mA max.
130+ ~ 160MHz:
35mA max.
160+ ~ 180MHz:
37mA max.
Output Load:
15pF standard
30pF <125MHz available
Start up Time:
10mS
Output Enable/Disable Time:
100ns
Output Low/High Voltages
0.75 ~ 150MHz:
10%Vdd max./90%Vdd min.
160+ ~ 180MHz:
20%Vdd max./80% Vdd min.
Symmetry:
45%/55%
Rise/Fall Times
0.75 ~ 160MHz:
3.5ns max.
160+ ~ 180MHz:
2.5ns max.
Moisture Sensitivity Level:
1
Termination Finish:
Au
Maximum Soldering Parameters:
260°C for 10 seconds
Electrical Specification
HCMOS 7x5mm 2.5V OSCILLATOR
Freq: 0.75MHz to 180MHz
62.5
2.1
3.1
1.3
8.4
27.6
106.25
1.2
3.5
1.4
8.3
27.7
125.0
1.1
2.7
1.3
6.7
25.6
156.25
0.8
3.7
1.4
9.7
29.5
Frequency
(MHz)
Phase Jitter
(12kHz~20MHz)
(ps RMS)
Time Interval Error
s
of jitter distribution
(ps RMS)
Rj/Dj Composition
Random
Jitter (Rj)
(ps RMS)
Deterministic
Jitter (Dj)
(ps p-p)
Total Jitter (Tj)
(14*Rj)+Dj
(ps)
Jitter Measurements
Typical applications
·
Any application requiring an oscillator.
·
SONET
·
Ethernet
·
Storage Area Networks
·
Broadband Access
·
Microprocessors/DSP/FPGA
·
Industrial Controllers
·
Test and measurement
·
Fibre Channel
EQXP - H C 7 2 6 R - 106.250000
H = HCMOS
C = Ceramic
7 = 7x5mm
2 = 2.5V
0 = ±100ppm
5 + ±50ppm
6 = ±25ppm
8 = ±20ppm (-20~+70 only)
Blank = -20~+70°C
R = -40 ~ +85°C
Frequency
Model Selection Guide
Supply Format
Tape and Reel, 16mm tape,
8.0mm pitch,
1k reel = 178mmØ
2k reel = 255mmØ


Similar Part No. - EQXP-HC72

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXP-HC73 EUROQUARTZ-EQXP-HC73 Datasheet
164Kb / 1P
HCMOS 7x5mm 3.3V OSCILLATOR
EQXP-HC736-106.250000 EUROQUARTZ-EQXP-HC736-106.250000 Datasheet
164Kb / 1P
HCMOS 7x5mm 3.3V OSCILLATOR
EQXP-HC736R-106.250000 EUROQUARTZ-EQXP-HC736R-106.250000 Datasheet
164Kb / 1P
HCMOS 7x5mm 3.3V OSCILLATOR
More results

Similar Description - EQXP-HC72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4710 FOX-F4710 Datasheet
207Kb / 1P
LVDS 7x5mm 2.5V Oscillator
logo
EUROQUARTZ limited
EQVP-HC72 EUROQUARTZ-EQVP-HC72 Datasheet
167Kb / 1P
HCMOS 7x5mm 2.5V VCXO
EQXP-HC73 EUROQUARTZ-EQXP-HC73 Datasheet
164Kb / 1P
HCMOS 7x5mm 3.3V OSCILLATOR
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
LVDS 7x5mm 2.5V OSCILLATOR
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
logo
Fox Electronics
F4620 FOX-F4620 Datasheet
222Kb / 2P
LVE-PECL 7x5mm 2.5V Oscillator
O7HA FOX-O7HA Datasheet
272Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7HB FOX-O7HB Datasheet
240Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HS FOX-O7HS Datasheet
296Kb / 5P
HCMOS 7x5mm SMD Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com