Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EQXP-PC73 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EQXP-PC73
Description  LVPECL 7x5mm 3.3V OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EQXP-PC73 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EQXP-PC73 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
EQXP-PC73 SERIES
Description
The XPRESSO range of fully configurable oscillators utilizes a
family of proprietary ASICs developed for noise reduction to
provide oscillators with noise levels comparable to traditional
bulk-produced quartz and SAW-based oscillators.
XPRESSO oscillators are low-cost, low-noise, with a wide
frequency range, excellent ambient performance and
available on very short leadtimes. All XPRESSO oscillators
are 100% final tested .
·
Extremely low jitter
·
Low cost
·
Express delivery
·
Stability from ±20ppm, -40 to +85°C
·
RoHS compliant
·
Serial ID with comprehensive traceability
Features
OUTLINE & DIMENSIONS
Frequency Range:
0.750MHz ~ 1.35GHz
Frequency stability:
from ±20ppm to ±100ppm
Operating Temperature Range:
-40° ~ +85°C
Storage Temperature Range:
-55° ~ +125°C
Supply Voltage:
+3.3 Volts ±5%
Input Current:
120mA
Output Load:
50W into Vdd-2VDC, typical
Start-up Time:
10ms
Output Enable/Disable Time:
100ns
Moisture Sensitivity Level:
1
Termination Finish:
Au
Output Low Voltage:
1.305 Volts ~ 1.65 Volts
Output High Voltage:
2.055 Volts ~ 2.405 Volts
Typical Complimentary Difference: 0.750 Volts p-p typical
Output Symmetry:
45/55%
Output Enable Voltage:
>70% Vdd
Output Disable Voltage:
<30% Vdd
Rise/Fall Time:
400ps
Maximum Soldering Parameters:
260°C for 10 seconds
Supply Format:
Tape and Reel, 16mm tape,
8.0mm pitch,
1k reel = 178mmØ
2k reel = 255mmØ
Electrical Specification
LVPECL 7x5mm 3.3V OSCILLATOR
Freq: 0.75MHz to 1.35GHz
62.5
1.01
3.1
1.27
8.1
26.2
156.25
0.86
3.5
1.29
9.3
27.7
212.50
1.05
3.6
1.22
8.6
26.1
622.08
0.94
3.5
1.21
9.6
26.8
Frequency
(MHz)
Phase Jitter
(12kHz~20MHz)
(ps RMS)
Time Interval Error
s
of jitter distribution
(ps RMS)
Rj/Dj Composition
Random
Jitter (Rj)
(ps RMS)
Deterministic
Jitter (Dj)
(ps p-p)
Total Jitter (Tj)
(14*Rj)+Dj
(ps)
Jitter Measurements
Typical applications
·
Any application requiring an oscillator.
·
SONET
·
Ethernet
·
Storage Area Networks
·
Broadband Access
·
Microprocessors/DSP/FPGA
·
Industrial Controllers
·
Test and measurement
·
Fibre Channel
EQXP - P C 7 3 6 R - 906.000000
P = LVPECL
C = Ceramic
7 = 7x5mm
3 = 3.3V
0 = ±100ppm
5 + ±50ppm
6 = ±25ppm
8 = ±20ppm (-20~+70 only)
Blank = -20~+70°C
R = -40 ~ +85°C
Frequency
Model Selection Guide


Similar Part No. - EQXP-PC73

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
EQXP-PC726-906.000000 EUROQUARTZ-EQXP-PC726-906.000000 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
EQXP-PC726R-906.000000 EUROQUARTZ-EQXP-PC726R-906.000000 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
More results

Similar Description - EQXP-PC73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4700 FOX-F4700 Datasheet
78Kb / 1P
LVDS 7x5mm 3.3V Oscillator
F4600 FOX-F4600 Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
logo
EUROQUARTZ limited
EQVP-PC73 EUROQUARTZ-EQVP-PC73 Datasheet
166Kb / 1P
LVPECL 7x5mm 3.3V VCXO
EQXP-HC73 EUROQUARTZ-EQXP-HC73 Datasheet
164Kb / 1P
HCMOS 7x5mm 3.3V OSCILLATOR
EQXP-LC73 EUROQUARTZ-EQXP-LC73 Datasheet
164Kb / 1P
LVDS 7x5mm 3.3V OSCILLATOR
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-U108L GOLLEDGE-GXO-U108L Datasheet
602Kb / 5P
3.3V 7x5mm Oscillator with Power Saving
GXO-U129L GOLLEDGE-GXO-U129L Datasheet
564Kb / 4P
3.3V 7x5mm Oscillator with Tight Stability
logo
Fox Electronics
O7PD FOX-O7PD Datasheet
288Kb / 4P
7x5mm LVPECL SMD Oscillator
O7PS FOX-O7PS Datasheet
210Kb / 4P
7x5mm LVPECL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com