Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181CBSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ Datasheet HTML 15Page - Analog Devices ADV7181CBSTZ Datasheet HTML 16Page - Analog Devices ADV7181CBSTZ Datasheet HTML 17Page - Analog Devices ADV7181CBSTZ Datasheet HTML 18Page - Analog Devices ADV7181CBSTZ Datasheet HTML 19Page - Analog Devices ADV7181CBSTZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADV7181C
Rev. 0 | Page 19 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCD
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
PIN 1
1.60
MAX
0.75
0.60
0.45
10.20
10.00 SQ
9.80
VIEW A
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0.15
0.05
7°
3.5°
0°
Figure 6. 64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
0.25 MIN
TOP VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50
BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60
MAX
EXPOSED PAD
(BOTTOM VIEW)
SEATING
PLANE
PIN 1
INDICATOR
7.25
7.10 SQ
6.95
PIN 1
INDICATOR
0.30
0.23
0.18
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 7. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
9 mm × 9 mm Body, Very Thin Quad (CP-64-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7181CBCPZ1
−40°C to +85°C
64–Lead LFCSP_VQ
CP-64-3
ADV7181CBCPZ-REEL1
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-3
ADV7181CBSTZ1
−40°C to +85°C
64 –Lead LQFP
ST-64
ADV7181CBSTZ-REEL1
−40°C to +85°C
64–Lead LQFP
ST-64
ADV7181WBCPZ1
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-3
ADV7181WBCPZ-REEL1
−40°C to +85°C
64-Lead LFCSP_VQ
CP-64-3
ADV7181WBSTZ1
−40°C to +85°C
64–Lead LQFP
ST-64
ADV7181WBSTZ_REEL1
−40°C to +85°C
64 –Lead LQFP
ST-64
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com