Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS616 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 18Page - STMicroelectronics TS616 Datasheet HTML 19Page - STMicroelectronics TS616 Datasheet HTML 20Page - STMicroelectronics TS616 Datasheet HTML 21Page - STMicroelectronics TS616 Datasheet HTML 22Page - STMicroelectronics TS616 Datasheet HTML 23Page - STMicroelectronics TS616 Datasheet HTML 24Page - STMicroelectronics TS616 Datasheet HTML 25Page - STMicroelectronics TS616 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TS616
22/27
contribution as low as possible against the iNp
contribution.
R1=100
Ω, R2=910Ω, R3=100Ω, Gain=10.1
Equivalent Input Noise: 3.93nV/
√Hz
Positive Input Current Noise: iNp=15pA/
√Hz
Conditions: frequency=100kHz, VCC=±2.5V
Instrumentation: Spectrum Analyzer HP3585A
(input noise of the HP3585A: 8nV/
√Hz)
POWER SUPPLY BYPASSING
Correct power supply bypassing is very important
for optimizing the performance in high frequency
ranges. Bypass capacitors should be placed as
close as possible to the IC pins to improve high
frequency bypassing. A capacitor greater than
1
µF is necessary to minimize the distortion. For a
better quality bypassing a capacitor of 10nF can
be added using the same implementation condi-
tions. Bypass capacitors must be incorporated for
both the negative and the positive supply.
Figure 63: Circuit for Power Supply Bypassing
SINGLE POWER SUPPLY
The following figure shows the case of a 5V single
power supply configuration
Figure 64: Circuit for +5V single supply
The TS616 operates with power supplies from
12V down to 5V. This can be achieved by either a
dual power supplies of ±6V or ±2.5V or a single
power supply of 12V or 5V referenced to the
ground. In the case of asymmetrical supply, a new
biasing is necessary to assume a positive output
dynamic range between 0V and +VCC supply rails.
Considering the values of VOH and VOL, the ampli-
fier will provide an output dynamic from +0.5V to
10.6V on 25
Ω load for a 12V supply and from
0.45V to 3.8V on 10
Ω load for a 5V supply.
The amplifier must be biased with a mid-supply
(nominally +VCC/2), in order to maintain the DC
component of the signal at this value. Several op-
tions are possible to provide this bias supply, such
as a virtual ground using an operational amplifier
or a two-resistance divider (which is the cheapest
solution). A high resistance value is required to
limit the current consumption. On the other hand,
the current must be high enough to bias the
non-inverting input of the amplifier. If we consider
+
-VCC
+VCC
10
µF
+
10nF
TS616
10
µF
+
10nF
-
+
-VCC
+VCC
10
µF
+
10nF
TS616
10
µF
+
10nF
-
+
_
R2
820
Ω
RG
IN
+5V
10
Ω
OUT
Rfb
10µF
+ 1µF
½ TS616
100µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+
+
_
R2
820
Ω
RG
IN
+5V
10
Ω
OUT
Rfb
10µF
+ 1µF
½ TS616
100µF
R1
820
Ω
+5V
10nF
Rin
1k
Ω
CG
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com