Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS68230 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS68230
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS68230 Datasheet HTML 12Page - STMicroelectronics TS68230 Datasheet HTML 13Page - STMicroelectronics TS68230 Datasheet HTML 14Page - STMicroelectronics TS68230 Datasheet HTML 15Page - STMicroelectronics TS68230 Datasheet HTML 16Page - STMicroelectronics TS68230 Datasheet HTML 17Page - STMicroelectronics TS68230 Datasheet HTML 18Page - STMicroelectronics TS68230 Datasheet HTML 19Page - STMicroelectronics TS68230 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
ly effect on the PI/T caused by interrupt acknow-
ledge cycles is that the vector is placed on the data
bus. Specifically, no registers, data, status, or other
internal states of the PI/T are affected by the cycle.
Several conditions may be present when the PIACK
input is asserted to the PI/T. These conditions affect
the PI/T’s response and the termination of the bus
cycle. If the PI/T has no interrupt function selected,
or is not asserting PIRQ, the PI/T will make no res-
ponse to PIACK (DTACK will not be asserted). If the
PI/T is asserting PIRQ when PIACK is received, the
PI/T will output the contents of the port interrupt vec-
tor register and the prioritization bits. If the PIVR has
not been initialized, $0F will be read from this regis-
ter. These conditions are summarized in table 2.1.
The vector table entries for the PI/T appear as a
contiguous block of four vector numbers whose
common upper six bits are programmed in the PIVR.
The following table pairs each interrupt source with
the 2-bit value provided by the prioritization logic
when interrupt acknowledge is asserted (see 4.2.
Port Service Request Register (PSRR)).
H1 source - 00
H2 source - 01
H3 source - 10
H4 source - 11
2.2.2. AUTOVECTORED PORT INTERRUPTS.
Autovectored interrupts use only the PIRQ pin. The
operation of the PI/T with vectored and autovectored
interrupts is identical except that no vectors are sup-
plied and the PC6/PIACK pin can be used as a port
C pin.
2.2.3. DMA REQUEST OPERATION. The direct
memory access request (DMAREQ) pulse (when
enabled) is associated with output or input transfers
to keep the initial and final output latches full or initial
and final input latches empty, respectively. Figures
2.3 and 2.4 show all the possible paths in generating
DMA requests. See 4.2. Port Service Request Re-
gister (PSRR) for programming the operation of the
DMA request bit.
Table 2.1 : Response to Port Interrupt Acknowledge.
Conditions
PIRQ Negated O R Interrupt
Request Function not Selected
PIRQ Asserted
PIVR has not been initialized
since RESET.
No Response from PI/T.
No DTACK.
PI/T provides $0F, the Uninitialized
Vector*.
PIVR has been initialized
since RESET.
No Response from PI/T.
No DTACK.
PI/T provides PIVR contents with
prioritization bits.
* The uninitialized vector is the value returned from an interrupt vector register before it has been initialized.
* Synchronized means that the appropriate input signal (H1, H3, or CS) has been sampled by the PI/T on the appropriatre
edge of the
clock (rising edge for H1(H3) and falling edge for CS). Refer to 1.4 BUS INTERFACE OPERATION for the exception concer-
Figure 2.3 : DMAREQ Associated with Output
Transfers.
DMAREQ is generated on the bus side of the
TS68230 by the synchronized* chip select. If the
conditions of figures 2.3 or 2.4 are met, an assertion
of CS will cause DMAREQ to be asserted three PI/T
clocks (plus the delay time from the clock edge) after
CS is synchronized. DMAREQ remains asserted
three clock cycles (plus the delay time from the clock
edge) and is then negated.
DMAREQ pulses are associated with peripheral
transfers or are generated by the synchronized*
H1(H3) input. If the conditions of figures 2.3 or 2.4
are met, an assertion of the H1(H3) input will cause
DMAREQ to be asserted 2.5 PI/T clock cycles (plus
the delay time from clock edge) after H1(H3) is syn-
chronized. DMAREQ remains asserted three clock
cycles (plus the delay time from the clock edge) and
is then negated.
TS68230
16/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com