Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS914 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS914
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS914 Datasheet HTML 3Page - STMicroelectronics TS914 Datasheet HTML 4Page - STMicroelectronics TS914 Datasheet HTML 5Page - STMicroelectronics TS914 Datasheet HTML 6Page - STMicroelectronics TS914 Datasheet HTML 7Page - STMicroelectronics TS914 Datasheet HTML 8Page - STMicroelectronics TS914 Datasheet HTML 9Page - STMicroelectronics TS914 Datasheet HTML 10Page - STMicroelectronics TS914 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
50
40
30
20
10
0
-10
0
45
90
135
180
FR EQUENCY, f (Hz)
PHASE
GAIN
Pha s e
Ma rgin
Ga in
Ba ndwidth
P roduct
6
10
10
23
10
4
10
5
10
7
10
T= 25 C
V
= 10V
R
= 10k
Ω
C
= 100pF
A
= 100
amb
CC
L
L
VCL
Figure 5a : Gain and Phase vs Frequecy
50
40
30
20
10
0
-
10
0
45
90
135
180
FREQUENCY, f (Hz)
P HASE
GAIN
Phas e
Margin
Ga in
Ba ndwidth
P roduct
6
10
10
23
10
4
10
5
10
7
10
T= 25 C
V= 1 0V
R
= 600
Ω
C
= 100 pF
A
= 100
amb
CC
L
L
VCL
Figure 5b : Gain and Phase vs Frequecy
SUP P LY VOLTAGE, V
(V)
CC
04
8
12
16
1800
T= 25 C
R
= 10k
Ω
C = 100pF
amb
L
L
1400
1000
600
200
Figure 6a : Gain Bandwidth Product vs
Supply Voltage
S UP P LY VOLTAGE, V
(V)
CC
04
8
12
16
T= 25 C
R
= 600
Ω
C = 100pF
amb
L
L
180 0
14 00
1 000
600
20 0
Figure 6b : Gain bandwidth Product vs
Supply Voltage
S UP PLY VOLTAGE , V
(V)
CC
04
8
12
16
60
50
40
30
20
T= 25 C
R
= 10k
Ω
C = 10 0pF
amb
L
L
Figure 7a : Phase Margin vs Supply Voltage
S UP P LY VOLTAGE , V
(V)
CC
04
8
12
16
60
50
40
30
20
T= 25 C
R= 6 00
Ω
C = 1 00pF
amb
L
L
Figure 7b : Phase Margin vs Supply Voltage
TS914
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com