Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCIMX35 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCIMX35
Description  Multimedia Applications Processor for Automotive Products
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX35 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCIMX35 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
MCIMX35 (i.MX35) Multimedia Applications Processor for Automotive Products Advance Information, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
Mobile
DDR
High-level output voltage
—
IOH = –1mA
IOH = spec’ed
Drive
NVCC –
0.08
0.8*NVCC
——
V
Low-level output voltage
—
IOL = 1mA
IOL = spec’ed
Drive
——
0.08
0.2*NVCC
V
High-level output current
—
Voh=0.8*NVCCV
Standard Drive
High Drive
Max. Drive
–3.6
–7.2
–10.8
——
mA
Low-level output current
—
Vol=0.2*NVCCV
Standard Drive
High Drive
Max. Drive
3.6
7.2
10.8
——
mA
High-Level DC CMOS input voltage VIH
—
0.7*NVCC
—
NVCC+0.3
V
Low-Level DC CMOS input voltage VIL
—
–0.3
—
0.2*NVCC
V
Differential receiver VTH+
VTH+
—
—
100
mV
Differential receiver VTH–
VTH–
—
–100
—
mV
Input current (no pull-up/ down)
IIN
VI = 0
VI=NVCC
——
TBD
nA
Tri-state I/O supply current
Icc–NVCC
VI = NVCC or 0
—
—
TBD
nA
Tri-state core supply current
lcc–vddi
VI = VDD or 0
—
—
TBD
nA
Table 13. I/O Pad DC Electrical Characteristics (continued)
Pad
DC Electrical Characteristics
Symbol
Test Condition
Min.
Nom.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com