Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP3V5004G Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MP3V5004G
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5004G Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MP3V5004G Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP3V5004G
Rev 0, 11/2008
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MP3V5004G series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of applications, but
particularly those employing a microcontroller or microprocessor with A/D inputs.
This sensor combines a highly sensitive implanted strain gauge with advanced
micromachining techniques, thin-film metallization, and bipolar processing to
provide an accurate, high level analog output signal that is proportional to the
applied pressure.
Features
•
Temperature Compensated over 10
° to 60°C
•
Available in Gauge Surface Mount (SMT) or Through-Hole (DIP)
Configurations
•
Durable Thermoplastic (PPS) Package
Typical Applications
•
Washing Machine Water Level
•
Ideally Suited for Microprocessor or Microcontroller-Based Systems
ORDERING INFORMATION(1)
1. MP3V5004G series pressure sensors are available with a pressure port. Three
packing options are offered for the surface mount configuration.
Device
Type
Case
No.
MPXV Series
Order No.
Packing
Options
Device
Marking
Through-
Hole
482C
MP3V5004GC7U
Rails
MP3V5004G
Surface
Mount
482A
MP3V5004GC6U
Rails
MP3V5004G
482A
MP3V5004GC6T1
Tape & Reel
MP3V5004G
1351
MP3V5004DP
Trays
MP3V5004G
1368
MP3V5004GVP
Trays
MP3V5004G
1369
MP3V5004GP
Trays
MP3V5004G
MP3V5004G
SERIES
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
INTEGRATED
PRESSURE SENSOR
0 TO 3.92 kPA
(0 TO 400 mm H2O)
0.6 TO 3.0 V OUTPUT
SMALL OUTLINE PACKAGES
MP3V5004GC7U
CASE 482C-03
THROUGH-HOLE
SMALL OUTLINE PACKAGES
MP3V5004GVP
CASE 1368-01
MP3V5004GP
CASE 1369-01
MP3V5004GC6U
CASE 482A-01
MP3V5004DP
CASE 1351-01
SURFACE MOUNT


Similar Part No. - MP3V5004G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MP3V5004G FREESCALE-MP3V5004G Datasheet
332Kb / 14P
Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GC6T1 FREESCALE-MP3V5004GC6T1 Datasheet
332Kb / 14P
Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GC6U FREESCALE-MP3V5004GC6U Datasheet
332Kb / 14P
Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GP FREESCALE-MP3V5004GP Datasheet
332Kb / 14P
Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GVP FREESCALE-MP3V5004GVP Datasheet
332Kb / 14P
Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MP3V5004G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com