Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5533MVM40 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5533MVM40
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533MVM40 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5533MVM40 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5533MVM40 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Electrical Characteristics
Freescale Semiconductor
14
27a Operating current 1.5 V supplies @ 82 MHz: 6, 7
VDD (including VDDF max current) @1.65 V high use
8, 9, 10, 11, 12
VDD (including VDDF max current) @1.35 V high use
8, 9, 10, 11, 12
IDD
IDD
—
—
250
180
mA
mA
27b Operating current 1.5 V supplies @ 68 MHz: 13, 14
VDD (including VDDF max current) @1.65 V high use
15, 16, 17
VDD (including VDDF max current) @1.35 V high use
15, 16, 17
IDD
IDD
—
—
210
160
mA
mA
27c Operating current 1.5 V supplies @ 42 MHz: 13, 14
VDD (including VDDF max current) @1.65 V high use
15, 16, 17
VDD (including VDDF max current) @1.35 V high use
15, 16, 17
IDD
IDD
—
—
130
110
mA
mA
27d Refer to Figure 3 for an interpolation of this data.18
IDD_STBY @ 25
o C
VSTBY @ 0.8 V
VSTBY @ 1.0 V
VSTBY @ 1.2 V
IDD_STBY @ 60
o C
VSTBY @ 0.8 V
VSTBY @ 1.0 V
VSTBY @ 1.2 V
IDD_STBY @ 150
o C (Tj)
VSTBY @ 0.8 V
VSTBY @ 1.0 V
VSTBY @ 1.2 V
IDD_STBY
IDD_STBY
IDD_STBY
IDD_STBY
IDD_STBY
IDD_STBY
IDD_STBY
IDD_STBY
IDD_STBY
—
—
—
—
—
—
—
—
—
20
30
50
70
100
200
1200
1500
2000
μA
μA
μA
μA
μA
μA
μA
μA
μA
28
Operating current 3.3 V supplies @ fMAX MHz
VDD33
19
IDD_33
—
2 + (values
derived from
procedure of
footnote 19)
mA
VFLASH
IVFLASH
—10
mA
VDDSYN
IDDSYN
—15
mA
29
Operating current 5.0 V supplies (12 MHz ADCLK):
VDDA (VDDA0 + VDDA1)
Analog reference supply current (VRH, VRL)
VPP
IDD_A
IREF
IPP
—
—
—
20.0
1.0
25.0
mA
mA
mA
30
Operating current VDDE supplies:
20
VDDEH1
VDDE2
VDDE3
VDDEH4
VDDE5
VDDEH6
VDDE7
VDDEH8
VDDEH9
IDD1
IDD2
IDD3
IDD4
IDD5
IDD6
IDD7
IDD8
IDD9
—
—
—
—
—
—
—
—
—
Refer to
Footnote 20
mA
mA
mA
mA
mA
mA
mA
mA
mA
Table 9. DC Electrical Specifications (TA = TL – TH) (continued)
Spec
Characteristic
Symbol
Min
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com