Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MMLQ60 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLQ60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLQ60 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLQ60 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5632MMLQ60 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
86
4.9.1
I/O pad VRC33 current specifications
The power consumption of the VRC33 supply is dependent on the usage of the pins on all I/O segments. The power
consumption is the sum of all output pin VRC33 currents for all I/O segments. The output pin VRC33 current can be calculated
from Table 21 based on the voltage, frequency, and load on all medium, slow, and multv_hv pins. The output pin VRC33 current
can be calculated from Table 22 based on the voltage, frequency, and load on all fast pins. Use linear scaling to calculate pin
currents for voltage, frequency, and load parameters that fall outside the values given in Table 21 and Table 22.
4 Ratio from 5.5 V pad spec to 5.25 V data sheet.
5 Not specified.
6 Low swing mode is not a strong function of V
DDE.
Table 21. I/O pad VRC33 average IDDE specifications
1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins
only.
Pad Type
Symbol
C
Period
(ns)
Load2
(pF)
2 All loads are lumped.
Slew Rate
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Slow
IDRV_SSR_HV
CC
D
100
50
11
0.8
235.7
CC
D
200
50
01
0.04
87.4
CC
D
800
50
00
0.06
47.4
CC
D
800
200
00
0.009
47
Medium
IDRV_MSR_HV
CC
D
40
50
11
2.75
258
CC
D
100
50
01
0.11
76.5
CC
D
500
50
00
0.02
56.2
CC
D
500
200
00
0.01
56.2
MultiV3 (High
Swing Mode)
3 Average current is for pad configured as output only.
IDRV_MULTV_HV CC
D
40
50
11
2.75
258
CC
D
100
50
01
0.11
76.5
CC
D
500
50
00
0.02
56.2
CC
D
500
200
00
0.01
56.2
MultiV4 (Low
Swing Mode)
4 In low swing mode, multi-voltage pads (pad_multv_hv) must operate in highest slew rate setting.
IDRV_MULTV_HV CC
D
40
30
11
2.75
258
CC
D
100
30
11
0.11
76.5
CC
D
500
30
11
0.02
56.2
CC
D
500
30
11
0.01
56.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com