Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MMLQ40 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLQ40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLQ40 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLQ40 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5632MMLQ40 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
88
4.10
Oscillator and PLLMRFM electrical characteristics
12
Diff Skew Itphla-tplhbI or
Itplhb-tphlaI
TSKEW
CC
D
0.5
ns
Termination
13
Trans. Line (differential Zo)
CC
D
95
100
105
14
Temperature
CC
D
–40
150
C
1 These are typical values that are estimated from simulation.
2 These specifications are subject to change per device characterization.
3 Preliminary target values. Actual specifications to be determined.
Table 24. PLLMRFM electrical specifications1
(VDDPLL =1.14 V to 1.32 V, VSS = VSSPLL = 0 V, TA = TL to TH)
Symbol
C
Parameter
Conditions
Value
Unit
min
max
fref_crystal
fref_ext
CC
D PLL reference frequency range2
Crystal reference
4
20
MHz
C
External reference
4
80
fpll_in
CC
P Phase detector input frequency range
(after pre-divider)
—4
16
MHz
fvco
CC
P VCO frequency range3
—
256
512
MHz
fsys
CC
C On-chip PLL frequency2
—16
80
MHz
fsys
CC
T System frequency in bypass mode4
Crystal reference
4
20
MHz
P
External reference
0
80
tCYC
CC
D System clock period
—
—
1 / fsys
ns
fLORL
fLORH
CC
D Loss of reference frequency window5
Lower limit
1.6
3.7
MHz
D
Upper limit
24
56
fSCM
CC
P Self-clocked mode frequency 6,7
—1.2
75
MHz
CJITTER
CC
T CLKOUT period
jitter8,9,10,11
Peak-to-peak (clock
edge to clock edge)
fSYS maximum
–5
5
% fCLKO
UT
T
Long-term jitter (avg.
over 2 ms interval)
–6
6
ns
tcst
CC
T Crystal start-up time 12, 13
——
10
ms
VIHEXT
CC
T EXTAL input high voltage
Crystal Mode14,
0.8
 Vxtal  1.5V15
Vxtal +
0.4
—V
T
External Reference14,
16
VRC33/2
+ 0.4
VRC33
Table 23. DSPI LVDS pad specification 1, 2 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com