Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8610EC Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
54
Figure 27 shows the PCI input AC timing conditions.
Figure 27. PCI Input AC Timing Measurement Conditions
Figure 28 shows the PCI output AC timing conditions.
Figure 28. PCI Output AC Timing Measurement Condition
2.17
High-Speed Serial Interfaces (HSSI)
The MPC8610 features two Serializer/Deserializer (SerDes) interfaces to be used for high-speed serial interconnect
applications. The SerDes1 interface is dedicated for PCI Express (x1/x2/x4) data transfers. The SerDes2 interface is dedicated
for PCI Express (x1/x2/x4/x8) data transfers.
This section describes the common portion of SerDes DC electrical specifications, which is the DC requirement for SerDes
reference clocks. The SerDes data lane’s transmitter and receiver reference circuits are also shown.
2.17.1
Signal Terms Definition
The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms used in the description
and specification of differential signals.
Figure 29 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for description. The figure
shows waveform for either a transmitter output (SDn_TX and SDn_TX) or a receiver input (SDn_RX and SDn_RX). Each
signal swings between A volts and B volts where A > B.
Using this waveform, the definitions are as follows. To simplify illustration, the following definitions assume that the SerDes
transmitter and receiver operate in a fully symmetrical differential signaling environment.
1.
Single-ended swing
The transmitter output signals and the receiver input signals SDn_TX, SDn_TX, SDn_RX, and SDn_RX each have a
peak-to-peak swing of A – B volts. This is also referred as each signal wire’s single-ended swing.
2.
Differential output voltage, VOD (or differential output swing):
The differential output voltage (or swing) of the transmitter, VOD, is defined as the difference of the two complimentary
output voltages: VSDn_TX – VSDn_TX. The VOD value can be either positive or negative.
tPCIVKH
CLK
Input
tPCIXKH
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com