| Electronic Components Datasheet Search |
|
MPC5633MMLU80 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMLU80 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc |
|
26 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 26 • Channels 1, 3, 5 and 6 support modes: — General Purpose Input/Output (GPIO) — Single Action Input Capture (SAIC) — Single Action Output Compare (SAOC) • Channels 2, 4, 11 and 13 support all the modes above plus: — Output Pulse Width Modulation Buffered (OPWMB) • Channels 0, 8, 9, 10, 12, 14, 15, 23 support all the modes above plus: — Input Period Measurement (IPM) — Input Pulse Width Measurement (IPWM) — Double Action Output Compare (set flag on both matches) (DAOC) — Modulus Counter Buffered (MCB) — Output Pulse Width and Frequency Modulation Buffered (OPWFMB) • Three 24-bit wide counter buses — Counter bus A can be driven by channel 23 or by the eTPU2 and all channels can use it as a reference — Counter bus B is driven by channel 0 and channels 0 to 6 can use it as a reference — Counter bus C is driven by channel 8 and channels 8 to 15 can use it as a reference • Shared time bases with the eTPU through the counter buses • Synchronization among internal and external time bases 2.3.13 eTPU2 The eTPU2 is an enhanced co-processor designed for timing control. Operating in parallel with the host CPU, eTPU2 processes instructions and real-time input events, performs output waveform generation, and accesses shared data without host intervention. Consequently, for each timer event, the host CPU setup and service times are minimized or eliminated. A powerful timer subsystem is formed by combining the eTPU2 with its own instruction and data RAM. High-level assembler/compiler and documentation allows customers to develop their own functions on the eTPU2. The eTPU2 includes these distinctive features: • The Timer Counter (TCR1), channel logic and digital filters (both channel and the external timer clock input [TCRCLK]) now have an option to run at full system clock speed or system clock / 2. • Channels support unordered transitions: transition 2 can now be detected before transition 1. Related to this enhancement, the transition detection latches (TDL1 and TDL2) can now be independently negated by microcode. • A new User Programmable Channel Mode has been added: the blocking, enabling, service request and capture characteristics of this channel mode can be programmed via microcode. • Microinstructions now provide an option to issue Interrupt and Data Transfer requests selected by channel. They can also be requested simultaneously at the same instruction. • Channel Flags 0 and 1 can now be tested for branching, in addition to selecting the entry point. • Channel digital filters can be bypassed. • The Timer Counter (TCR1), channel logic and digital filters (both channel and the external timer clock input [TCRCLK]) now have an option to run at full system clock speed or system clock / 2. • Channels support unordered transitions: transition 2 can now be detected before transition 1. Related to this enhancement, the transition detection latches (TDL1 and TDL2) can now be independently negated by microcode. • A new User Programmable Channel Mode has been added: the blocking, enabling, service request and capture characteristics of this channel mode can be programmed via microcode. • Microinstructions now provide an option to issue Interrupt and Data Transfer requests selected by channel. They can also be requested simultaneously at the same instruction. • Channel Flags 0 and 1 can now be tested for branching, in addition to selecting the entry point. • Channel digital filters can be bypassed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |