Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MMLQ40 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC5633MMLQ40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLQ40 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMLQ40 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5633MMLQ40 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
VRCCTL
Voltage Regulator Control
Output
—
—
O
NA
O / –
—
11
11
N14
VDDA33
Analog Power Input for
eQADC
—
—
I
VDDA (5.0 V)
I / –
—
6
6
—
VDDA0
Analog Power Input for
eQADC
—
—
I
VDDA
I / –
—
—
—
B11
VSSA0
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
—
—
A11
VDDA1
Analog Power Input for
eQADC
—
—
I
VDDA
I / –
—
—
—
A4
VSSA1
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
—
—
A5
VSSA34
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
7
7
—
VDDREG
Voltage Regulator Supply
—
—
I
VDDREG
(5.0 V)
I / –
—
10
10
K16
VDD
Internal Logic Supply Input
—
—
I
VDD (1.2 V)
I / –
—
26, 53,
86, 120
33, 62,
103,
149
B1, B16, C2,
D3, E4, N5,
P4, P13, R3,
R14, T2,
T15
VSS
Ground
—
—
–
VSS0
I / –
—
22, 36,
48, 59,
73, 79,
91,
104,
115
15, 29,
43, 57,
72, 90,
96,
108,
1157,
127,
133,
140
A1, A16, B2,
B15, C3,
C14, D4,
D13, G7,
G8, G9,
G10, H7,
H8, H9,
H10, J7, J8,
J9, J10, K7,
K8, K9, K10,
N4, N13,
P3, P14, R2,
R15, T1,
T16
VDDEH1A35
VDDEH1B35
I/O Supply Input
—
—
I
VDDEH136
(3.3–5.0 V)
I / –
—
24, 34,
46
31, 41
55
K4
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com