Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2DP818ZXI-2 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2DP818ZXI-2
Description  1:8 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXI-2 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2DP818ZXI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRELIMINARY
CY2DP818-2
Document #: 38-07588 Rev. *A
Page 6 of 9
Figure 3. Differential Receiver to Driver Propagation Delay and Driver Transition Time[2,3,4,5]
Figure 4. Test Circuit and Voltage Definitions for the Driver Common-Mode Output Voltage[2,3,4,5]
80%
20%
0V Differential
QXA - QXB
tR
tF
1.4 V
1.0 V
1.4 V
1.0 V
0V Differential
0V Differential
1.2 V CM
1.2 V CM
INA
INB
QXA
QXB
TPLH
TPHL
TPA
TPC
TPB
50
50
GND
150
150
Standard Termination
Pulse
Generator
A
B
10pF
VDD-2V
2.0V
1.6V
VI(A)
VI(B)
Next Device
VOD
VOC
TPA
TPC
TPB
50
50
GND
150
150
Standard Termination
Pulse
Generator
A
B
Notes
2. All input pulses are supplied by a frequency generator with the following characteristics: tR and tF ≤ 1 ns; pulse rerate = 50 Mpps; pulse width = 10 ± 0.2 ns.
3. RL = 50 ohm
± 1%; Zline = 50 ohm 6”.
4. CL includes instrumentation and fixture capacitance within 6” of the DUT.
5. TPA and B are used for prop delay and Rise/Fall measurements. TPC is used for VOC measurements only and is otherwise connected to VDD – 2.
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com