Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECZQGDFB Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8313ECZQGDFB
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECZQGDFB Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECZQGDFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313ECZQGDFB Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
69
Package and Pin Listings
LA14/TSEC_1588_TRIG1
L24
O
LVDD
8
LA15/TSEC_1588_ALARM2
K26
O
LVDD
8
DUART
UART_SOUT1/MSRCID0
N2
O
NVDD
UART_SIN1/MSRCID1
M5
IO
NVDD
UART_CTS1/GPIO8/MSRCID2
M1
IO
NVDD
UART_RTS1/GPIO9/MSRCID3
K1
IO
NVDD
UART_SOUT2/MSRCID4/TSEC_1588_CLK
M3
O
NVDD
8
UART_SIN2/MDVAL/TSEC_1588_GCLK
L1
IO
NVDD
8
UART_CTS2/TSEC_1588_PP1
L5
IO
NVDD
8
UART_RTS2/TSEC_1588_PP2
L3
IO
NVDD
8
I2C interface
IIC1_SDA/CKSTOP_OUT/TSEC_1588_TRIG1
J4
IO
NVDD
2, 8
IIC1_SCL/CKSTOP_IN/TSEC_1588_ALARM2
J2
IO
NVDD
2, 8
IIC2_SDA/PMC_PWR_OK/GPIO10
J3
IO
NVDD
2
IIC2_SCL/GPIO11
H5
IO
NVDD
2
Interrupts
MCP_OUT
G5
O
NVDD
2
IRQ0/MCP_IN
K5
I
NVDD
IRQ1
K4
I
NVDD
IRQ2
K2
I
NVDD
IRQ3/CKSTOP_OUT
K3
IO
NVDD
IRQ4/CKSTOP_IN/GPIO12
J1
IO
NVDD
Configuration
CFG_CLKIN_DIV
D5
I
NVDD
EXT_PWR_CTRL
J5
O
NVDD
CFG_LBIU_MUX_EN
R24
I
NVDD
JTAG
TCK
E1
I
NVDD
TDI
E2
I
NVDD
4
TDO
E3
O
NVDD
3
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com