Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTUCS455F Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # LTUCS455F
Description  SMD Ceramic Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

LTUCS455F Datasheet(HTML) 1 Page - AEL Crystals Ltd

  LTUCS455F Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
APPLICATIONS
Specify
SMD Ceramic Filter LTUCG & LTUCS (4-Element Type)
LTWC (6-Element Type) 450kHz & 455kHz
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
46
SP EC IF IC A TI O N
High Selectivity
Low Cost
Wide Range of bandwidths Available
Industry Standard Outline
Communications Equipment
F R E Q U E N C Y
C H A R A C T E R I S T I C S
www.aelcrystals.co.uk
6.0
4.0
11.6
5.5
6.0
4.0
LTUCG Series
Part
Number
Centre
Frequency
(6dB Bandwidth)
40dB Bandwidth
(kHz Max)
Stop Band Att.
+/-100kHz
(dB Max)
Insrtn Loss
(dB Max)
Ripple
(dB Max)
In/Out
Impedence
LTUCG455D
455 +/-1.5
+/-20
27
4
(+/-7kHz) 2 .0
1500 Ohms
LTUCG455E
455 +/-1.5
+/-15
27
6
(+/-5kHz) 2 .0
1500 Ohms
LTUCG455F
455 +/-1.5
+/-12.5
27
6
(+/-4kHz) 2 .0
1500 Ohms
LTUCG455G
455 +/-1.0
+/-10.0
25
6
(+/-3kHz) 2 .0
1500 Ohms
LTUCS Series
Part
Number
Centre
Frequency
(6dB Bandwidth)
40dB Bandwidth
(kHz Max)
Stop Band Att.
+/-100kHz
(dB Max)
Insrtn Loss
(dB Max)
Ripple
(dB Max)
In/Out
Impedence
LTUCS455D
455 +/-1.5
+/-20
27
4
(+/-7kHz) 2 .0
1500 Ohms
LTUCS455E
455 +/-1.5
+/-15
27
6
(+/-5kHz) 2 .0
1500 Ohms
LTUCS455F
455 +/-1.5
+/-12.5
27
6
(+/-4kHz) 2 .0
1500 Ohms
LTUCS455G
455 +/-1.0
+/-10.0
25
6
(+/-3kHz) 2 .0
1500 Ohms
LTUWC Series
Part
Number
Centre
Frequency
(6dB Bandwidth)
3dB Bandwidth
(kHz Min )
6dB Bandwidth
(kHz Min )
50dB Bandwidth
(kHz Max)
Stop Band Att.
+/-100kHz
(dB Max)
Insrtn Loss
(dB Max)
Ripple
(dB Max)
In/Out
Impedence
LTWC455B
455 +/-1.5
+/-10
+/-15
+/-30
50
4
(+/-10kH z) 50
1500 Ohms
LTWC455C
455 +/-1.5
+/-8.0
+/-12.5
+/-25
50
4
(+/- 8kHz) 5 0
1500 Ohms
LTWC455D
455 +/-1.5
+/-7.0
+/-10
+/-20
50
4
(+/- 7kHz) 5 0
1500 Ohms
LTWC455E
455 +/-1.5
+/-5.5
+/-7.5
+/-15
50
4
(+/- 5kHz) 5 0
1500 Ohms
LTWC455F
455 +/-1.5
+/-4.0
+/-6.0
+/-12
47
6
(+/- 4kHz) 5 0
1500 Ohms
LTWC455G
455 +/-1.5
+/-3.0
+/-4.5
+/-10.0
47
6
(+/- 3kHz) 5 0
1500 Ohms
+/-10
+/-7.5
+/-6.0
+/-4.5
6dB Bandwidth
(kHz Min )
6dB Bandwidth
(kHz Min )
+/-10
+/-7.5
+/-6.0
+/-4.5
LTUCG Type
LTUCS Type
LTWC Type


Similar Part No. - LTUCS455F

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
LTUCS455 VANLONG-LTUCS455 Datasheet
33Kb / 1P
Ceramic Filter
More results

Similar Description - LTUCS455F

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTCA AURIS-LTCA Datasheet
590Kb / 1P
Filter SMD
logo
Oscilent Corporation
746-455-BU OSCILENT-746-455-BU Datasheet
129Kb / 2P
SMD Ceramic Filter 455 KHz
747-450-BW OSCILENT-747-450-BW Datasheet
129Kb / 2P
SMD Ceramic Filter 450 KHz
748-455-BW OSCILENT-748-455-BW Datasheet
129Kb / 2P
SMD Ceramic Filter 455 KHz
logo
auris-GmbH
LTC450U AURIS-LTC450U Datasheet
240Kb / 1P
Filter SMD, Ceramic
LTCA AURIS-LTCA_1 Datasheet
300Kb / 1P
Filter SMD, Ceramic
LTCS AURIS-LTCS Datasheet
1Mb / 1P
Filter SMD, Ceramic
logo
Suntsu Electronics, Inc...
SFLSI-13D6F SUNTSU-SFLSI-13D6F Datasheet
182Kb / 3P
Ceramic SMD 12 Pad RF Saw Filter
logo
Yuechung International ...
YIC-JT10.7MC1 YIC-YIC-JT10.7MC1 Datasheet
493Kb / 1P
LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
Transko Electronics, In...
LTC10.7 TRANSKO-LTC10.7 Datasheet
361Kb / 2P
CERAMIC FILTER (10.7MHz Series, SMD)
Rev 5: 07-31-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com