Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY23S08SC-2HT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY23S08SC-2HT
Description  3.3V Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SC-2HT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY23S08SC-2HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 9Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 6 of 10
Switching Waveforms
Figure 2. Duty Cycle Timing
Figure 3. All Outputs Rise and Fall Time
Figure 4. Output-Output Skew
Figure 5. Input-Output Propagation Delay
Figure 6. Device-Device Skew
t1
t2
1.4V
1.4V
1.4V
OUTPUT
t3
3.3V
0V
0.8V
2.0V
2.0V
0.8V
t4
1.4V
t5
OUTPUT
OUTPUT
1.4V
VDD/2
t6
INPUT
FBK
VDD/2
VDD/2
VDD/2
t7
FBK, Device 1
FBK, Device 2
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com