Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY29976AXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29976AXIT
Description  3.3V, 125-MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29976AXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29976AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29976AXIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY29976
Document #: 38-07413 Rev. *B
Page 2 of 9
Pinouts
Logic Block Diagram
RE F _ S E L
0
1
0
1
P has e
De t e c t o r
VC O
LP F
Sy n c
Fr z
D
Q
QA 0
Sy n c
Fr z
D
Q
Sy n c
Fr z
D
Q
Sy n c
Fr z
D
Q
Sy n c
Fr z
D
Q
Sy n c
Fr z
D
Q
P o w e r-O n
Re s e t
O u t put D i s a b l e
Ci r c u i t r y
D a ta G e n e r a to r
/ 2 , /6 , /4 , /1 2
/ 2 , /6 , /4 , /1 0
/8 , /2 , / 6 , / 4
/ 4 , /6 , /8 , /1 0
Sy n c P u l s e
P E C L_C LK
P E C L_C L K #
TC L K 0
TC L K 1
T C LK _S E L
FB _ I N
MR # / O E
SEL A( 0 , 1 )
2
SEL B( 0 , 1 )
2
SE L C ( 0 , 1 )
2
F B _ SEL ( 0 : 2 )
3
SC L K
SD AT A
IN V _ C L K
QA 1
QA 2
QA 3
QB 0
QB 1
QB 2
QB 3
QC 0
QC 1
QC 2
QC 3
FB _ O U T
SYN C
12
VC O _ SE L
P LL_ E N
VSS
MR#/OE
SCLK
SDATA
FB_SEL2
PLL_EN
REF_SEL
TCLK_SEL
TCLK0
TCLK1
PECL_CLK
PECL_CLK#
VDD
VSS
QB0
VDDC
QB1
VSS
QB2
VDDC
QB3
FB_IN
VSS
FB_OUT
VDDC
FB_SEL0
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
CY29976
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com