Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPR Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPR Datasheet(HTML) 58 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments PCM3168APAPR Datasheet HTML 56Page - Texas Instruments PCM3168APAPR Datasheet HTML 57Page - Texas Instruments PCM3168APAPR Datasheet HTML 58Page - Texas Instruments PCM3168APAPR Datasheet HTML 59Page - Texas Instruments PCM3168APAPR Datasheet HTML 60Page - Texas Instruments PCM3168APAPR Datasheet HTML 61Page - Texas Instruments PCM3168APAPR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
10 F
m
47W
R
1
R
3
R
2
C
2
AnalogOutput
(2V
)
RMS
VOUT-
(4V )
PP
10 F
m
R
1
R
3
VOUT+
(4V )
PP
C
2
R
2
C
1
47W
R
1
R
3
R
2
C
2
AnalogOutput
(2V
)
RMS
VOUT-
(4V )
PP
R
1
R
3
VOUT+
(4V )
PP
C
2
R
2
C
1
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
Amplifier is an NE5532A x1/2 or OPA2134 x1/2; R1 = 7.5-kΩ resistor; R2 = 5.6-kΩ resistor; R3 = 360-Ω resistor; C1 = 3300-pF capacitor; C2 =
680-pF capacitor; Gain = 0.747; f–3 dB = 53 kHz.
Figure 62. Post-LPF and Differential to Single-Ended Buffer for DAC Output (AC-Coupled)
Amplifier is an NE5532A x1/2 or OPA2134 x1/2; R1 = 15-kΩ resistor; R2 = 11-kΩ resistor; R3 = 820-Ω resistor; C1 = 1500-pF capacitor; C2 =
330-pF capacitor; Gain = 0.733; f–3 dB = 54 kHz.
Figure 63. Post-LPF and Differential to Single-Ended Buffer for DAC Output (DC-Coupled)
58
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com