Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2292FBD144/01 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2292FBD144/01
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2292FBD144/01 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2292FBD144/01 Datasheet HTML 31Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 32Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 33Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 34Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 35Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 36Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 37Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 38Page - NXP Semiconductors LPC2292FBD144/01 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
LPC2292_2294_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 4 December 2008
35 of 53
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Test conditions: Active mode entered executing code on-chip flash; PCLK = CCLK
⁄
4;
core voltage 1.8 V; all peripherals disabled.
Fig 8.
Typical LPC2292/01 IDD(act) measured at different temperatures
002aad104
5
15
25
35
45
-40
-15
10
35
60
85
12 MHz
48 MHz
60 MHz
temperature (
°C)
IDD(act)
(mA)
Test conditions: Idle mode entered executing code from on-chip flash; PCLK = CCLK
⁄
4;
Tamb = 25 °C; core voltage 1.8 V.
Fig 9.
Typical LPC2292/01 IDD(idle) measured at different frequencies
002aad105
0.0
2.0
4.0
6.0
8.0
10.0
12
20
28
36
44
52
60
frequency (MHz)
IDD(idle)
(mA)
all peripherals disabled
all peripherals enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com