Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2292FET144/01 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2292FET144/01
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2292FET144/01 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2292FET144/01 Datasheet HTML 9Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 10Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 11Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 12Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 13Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 14Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 15Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 16Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
LPC2292_2294_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 4 December 2008
13 of 53
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
P3[17]/A17
48[7]
N5[7]
O
A17 — External memory address line 17.
P3[18]/A18
47[7]
M5[7]
O
A18 — External memory address line 18.
P3[19]/A19
46[7]
L5[7]
O
A19 — External memory address line 19.
P3[20]/A20
45[7]
K5[7]
O
A20 — External memory address line 20.
P3[21]/A21
44[7]
N4[7]
O
A21 — External memory address line 21.
P3[22]/A22
41[7]
K4[7]
O
A22 — External memory address line 22.
P3[23]/A23/
XCLK
40[7]
N3[7]
I/O
A23 — External memory address line 23.
O
XCLK — Clock output.
P3[24]/CS3
36[7]
M2[7]
O
CS3 — LOW-active Chip Select 3 signal.
(Bank 3 addresses range 0x8300 0000 to 0x83FF FFFF)
P3[25]/CS2
35[7]
M1[7]
O
CS2 — LOW-active Chip Select 2 signal.
(Bank 2 addresses range 0x8200 0000 to 0x82FF FFFF)
P3[26]/CS1
30[7]
K2[7]
O
CS1 — LOW-active Chip Select 1 signal.
(Bank 1 addresses range 0x8100 0000 to 0x81FF FFFF)
P3[27]/WE
29[7]
K1[7]
O
WE — LOW-active Write enable signal.
P3[28]/BLS3/
AIN7
28[6]
J4[6]
O
BLS3 — LOW-active Byte Lane Select signal (Bank 3).
I
AIN7 — ADC, input 7. This analog input is always connected
to its pin.
P3[29]/BLS2/
AIN6
27[6]
J3[6]
O
BLS2 — LOW-active Byte Lane Select signal (Bank 2).
I
AIN6 — ADC, input 6. This analog input is always connected
to its pin.
P3[30]/BLS1
97[7]
E13[7]
O
BLS1 — LOW-active Byte Lane Select signal (Bank 1).
P3[31]/BLS0
96[7]
F10[7]
O
BLS0 — LOW-active Byte Lane Select signal (Bank 0).
TD1
22[7]
H2[7]
O
TD1: CAN1 transmitter output.
RESET
135[8]
C5[8]
I
External Reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default
states, and processor execution to begin at address 0. TTL
with hysteresis, 5 V tolerant.
XTAL1
142[9]
C3[9]
I
Input to the oscillator circuit and internal clock generator
circuits.
XTAL2
141[9]
B3[9]
O
Output from the oscillator amplifier.
VSS
3, 9, 26, 38,
54, 67, 79,
93, 103, 107,
111, 128
C2, E4, J2,
N2, N7, L10,
K12, F13,
D11, B13,
B11, D7
I
Ground: 0 V reference.
VSSA
139
C4
I
Analog ground: 0 V reference. This should nominally be the
same voltage as VSS, but should be isolated to minimize noise
and error.
VSSA(PLL)
138
B4
I
PLL analog ground: 0 V reference. This should nominally be
the same voltage as VSS, but should be isolated to minimize
noise and error.
VDD(1V8)
37, 110
N1, A12
I
1.8 V core power supply: This is the power supply voltage
for internal circuitry.
Table 4.
Pin description …continued
Symbol
Pin (LQFP)
Pin
(TFBGA)[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com