Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90PWM2 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT90PWM2_08 Datasheet HTML 20Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 21Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 22Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 23Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 24Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 25Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 26Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 27Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
5.
PSC: Output Polarity in Centered Mode
In centered mode, PSCOUTn1 outputs are not inverted, so they are active at the same time
as PSCOUTn0.
Workaround:
Use an external inverter (or a driver with inverting output) to drive the load on
PSCOUTn1.
6.
PSC : POACnA/B Output Activity
These register bits are not implemented in rev A.
Workaround:
Do not use this feature.
7.
VREF
Remark: To have Internal Vref on AREF pin select an internal analog feature such as DAC
or ADC.
Some stand by power consuption may be observed if Vref equals AVcc
8.
DALI
Some troubles on Dali extension when edges are not symmetric.
Workaround:
Use an optocoupler providing symmetric edges on Rx and Tx DALI lines (only recom-
manded for software validation purpose).
9.
DAC: Register Update
Registers DACL & DACH are not written when the DAC is not enabled.
Workaround:
Enable DAC with DAEN before writing in DACL & DACH. To prevent an unwanted zero out-
put on DAC pin, enable DAC output, with DAOE afterwards.
10. DAC : Output spikes
During transition between two codes, a spike may appears
Work around:
Filter spike or wait for steady state
No spike appears if the 4 last signifiant bits remain zero.
11. DAC driver: Output Voltage linearity
The voltage linearity of the DAC driver is limited when the DAC output goes above Vcc - 1V.
Work around:
Do not use AVcc as Vref ; internal Vref gives good results
12. ADC : Conversion accuracy
The conversion accuracy degrades when the ADC clock is 1 & 2 MHz.
Work around:
When a 10 bit conversion accuracy is required, use an ADC clock of 500 kHz or below.
13. Analog comparator: Offset value
The offset value increases when the common mode voltage is above Vcc - 1.5V.
Work around:
Limit common mode voltage
14. Analog comparator: Output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com