Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8534AH/1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8534AH/1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AH/1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8534AH/1 Datasheet HTML 2Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 3Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 4Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 5Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 6Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 7Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 8Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 9Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
PCF8534A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2008
6 of 44
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
The host microprocessor or microcontroller maintains the 2-line I2C-bus communication
channel with the PCF8534A.
Biasing voltages for the multiplexed LCD waveforms are generated internally, removing
the need for an external bias generator. The internal oscillator is selected by connecting
pin OSC to VSS. The only other connections required to complete the system are the
power supplies (pins VDD, VSS and VLCD) and the LCD panel selected for the application.
7.1 Power-on reset
At power-on the PCF8534A resets to a default starting condition:
• All backplane outputs are set to VLCD
• All segment outputs are set to VLCD
• The selected drive mode is: 1:4 multiplex with 1
⁄
3 bias
• Blinking is switched off
• Input and output bank selectors are reset
• The I2C-bus interface is initialized
• The data pointer and the subaddress counter are cleared (set to logic 0)
• The display is disabled
Do not transfer data on the I2C-bus after a power-on for 1 ms to enable the reset action to
complete.
7.2 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider comprising
three series resistors connected between pins VLCD and VSS. The center resistor is
switched out of the circuit to provide the 1
⁄
2 bias voltage level for the 1:2 multiplex
configuration.
7.3 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD based on the selected
LCD drive configuration. The operation of the voltage selector is controlled by mode set
commands from the command decoder.
Fig 4.
Typical system configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
R
tr
2Cb
SDA
SCL
OSC
60 segment drives
4 backplanes
LCD PANEL
(up to 240
elements)
PCF8534A
A0
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
001aah616
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com