Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL1750 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL1750 Datasheet HTML 1Page - NXP Semiconductors SSL1750 Datasheet HTML 2Page - NXP Semiconductors SSL1750 Datasheet HTML 3Page - NXP Semiconductors SSL1750 Datasheet HTML 4Page - NXP Semiconductors SSL1750 Datasheet HTML 5Page - NXP Semiconductors SSL1750 Datasheet HTML 6Page - NXP Semiconductors SSL1750 Datasheet HTML 7Page - NXP Semiconductors SSL1750 Datasheet HTML 8Page - NXP Semiconductors SSL1750 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
4 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for SSL1750T (SOT109-1)
SSL1750T
VCC
HV
GND
HVS
FBCTRL
HVS
FBAUX
FBDRIVER
LATCH
PFCDRIVER
PFCCOMP
PFCSENSE
VINSENSE
FBSENSE
PFCAUX
VOSENSE
014aaa349
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
FBCTRL
3
control input for flyback
FBAUX
4
input from auxiliary winding for demagnetization timing and
overvoltage protection for flyback
LATCH
5
general purpose protection input
PFCCOMP
6
frequency compensation pin for PFC
VINSENSE
7
sense input for mains voltage
PFCAUX
8
input from auxiliary winding for demagnetization timing for PFC
VOSENSE
9
sense input for PFC output voltage
FBSENSE
10
programmable current sense input for flyback
PFCSENSE
11
programmable current sense input for PFC
PFCDRIVER
12
gate driver output for PFC
FBDRIVER
13
gate driver output for flyback
HVS
14
high voltage safety spacer, not connected
HVS
15
high voltage safety spacer, not connected
HV
16
high voltage start-up and valley sensing of flyback part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com