| Electronic Components Datasheet Search |
|
CS5524-AP Datasheet(PDF) 17 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5524-AP Datasheet(HTML) 17 Page - Cirrus Logic |
|
17 / 56 page ![]() CS5521/22/23/24/28 DS317F6 17 mentation amplifier, and providing a number of flags which indicate converter operation. A group of registers, called Channel Set-up Regis- ters, are also included in the converters. These reg- isters are used to hold pre-loaded conversion instructions. Each channel set-up register is 24 bits wide and holds two 12-bit conversion instructions (Setups). Upon power-up, these registers can be initialized by the user’s microcontroller with con- version instructions. The user can then use bits in the configuration register to choose a conversion mode. Several conversion modes are possible. Using the single conversion mode, an 8-bit command word can be written into the serial port. The command in- cludes pointer bits which ‘point’ to a 12-bit com- mand in one of the Channel Setup Registers which is to be executed. The 12-bit commands can be set- up to perform a conversion on any of the input channels of the converter. More than one of the 12- bit Setups can be used for the same analog input channel. This allows the user to convert on the same signal with either a different conversion speed, a different gain range, or any of the other op- tions available in the Setup Register. The user can set up the registers to perform conversions using different conversion options on each of the input channels. The ADCs also include multiple-channel conver- sion capability. User bits in the configuration regis- ter of the ADCs can be configured to sequence through the 12-bit command Setups, performing a conversion according to the content of each 12-bit Setup. This channel scanning capability can be configured to run continuously, or to scan through a specified number of Setup Registers and stop un- til commanded to continue. In the multiple-channel scanning modes, the conversion data words are loaded into an on-chip data FIFO. The converter is- sues a flag on the SDO pin when a scan cycle is completed so the user can read the FIFO. More de- tails are given in the following pages. Instructions are provided on how to initialize the converter, perform offset and gain calibrations, and to configure the converter for the various conver- sion modes. Each of the bits of the configuration register and of the Channel Setup Registers is de- scribed. A list of examples follows the description section. Table 2 can be used to decode all valid commands (the first 8 bits into the serial port). AIN1 AIN2 AIN3 AIN4 4 (24) 4 (24) 4 (12 x 2) 8 x 24 Off 1 Off 2 Off 3 Off 4 Gain 1 Gain 2 Gain 3 Gain 4 Setup 1 Setup 3 Setup 5 Setup 7 Setup 2 Setup 4 Setup 6 Setup 8 DATA FIFO SDO 1 x 24 Configuration Chop Frequency Multiple Conversions Depth Pointer Loop Read Convert Powerdown Modes Flags Etc. Latch Outputs Channel Select Output Word Rate PGA Selection Unipolar/Bipolar Figure 9. CS5523/24 Register Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |