Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA16M1 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16M1 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA16M1 Datasheet HTML 17Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 18Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 19Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 20Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 21Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 22Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 23Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 24Page - ATMEL Corporation ATMEGA16M1 Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
22
7647DS–AVR–08/08
ATmega16/32/64/M1/C1
6.
Ordering Information
Figure 6-1.
ATmega32M1 engineering samples delivery only. Automotive qualification not yet fully completed.
Note:
All packages are Pb free, fully LHF
Memory Size
PSC
Power Supply
Ordering Code
Package
Operation Range
32K
No
2.7 - 5.5V
MEGA32C1-15AZ
MA
-4
0⋅C to 125⋅C
32K
No
2.7 - 5.5V
MEGA32C1-15MZ
PV
-4
0⋅C to 125⋅C
32K
No
2.7 - 5.5V
MEGA32C1-ESAZ
MA
Engineering Samples
32K
No
2.7 - 5.5V
MEGA32C1-ESMZ
PV
Engineering Samples
32K
Yes
2.7 - 5.5V
MEGA32M1-15AZ
MA
-4
0⋅C to 125⋅C
32K
Yes
2.7 - 5.5V
MEGA32M1-15MZ
PV
-4
0⋅C to 125⋅C
32K
Yes
2.7 - 5.5V
MEGA32M1-ESAZ
MA
Engineering Samples
32K
Yes
2.7 - 5.5V
MEGA32M1-ESMZ
PV
Engineering Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com