Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA32HVB Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA32HVB Datasheet HTML 1Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 2Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 3Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 4Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 5Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 6Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 7Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 8Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• High Performance, Low Power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
– 124 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 8 MIPS Throughput at 8 MHz
• High Endurance Non-volatile Memory Segments
– 16K/32K Bytes of In-System Self-Programmable Flash (ATmega16HVB/32HVB)
– 512/1K Bytes EEPROM
– 1K/2K Bytes Internal SRAM
– Write/Erase Cycles 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– Programming Lock for Software Security
• Battery Management Features
– Two, three or Four Cells in Series
– High-current Protection (Charge and Discharge)
– Over-current Protection (Charge and Discharge)
– Short-circuit Protection (Discharge)
– High Voltage Outputs to Drive N-Channel Charge/Discharge FETs
– High Voltage Output to drive P-Channel Precharge FET
– Integrated Cell Balancing FETs
• Peripheral Features
– Two configurable 8- or 16-bit Timers with Separate Prescaler, Optional Input
Capture (IC), Compare Mode and CTC
– SPI - Serial Programmable Interface
– 12-bit Voltage ADC, Six External and One Internal ADC Input
– High Resolution Coulomb Counter ADC for Current Measurements
– TWI Serial Interface for SM-Bus
– Programmable Watchdog Timer
• Special Microcontroller Features
– debugWIRE On-chip Debug System
– In-System Programmable via SPI ports
– Power-on Reset
– On-chip Voltage Regulator with Short-circuit Monitoring Interface
– External and Internal Interrupt Sources
– Sleep Modes: Idle, ADC Noise Reduction, Power-save, and Power-off
• Additional Secure Authentication Features available only under NDA
• Packages
– 44-lead TSSOP
• Operating Voltage: 4 - 25V
• Maximum Withstand Voltage (High-voltage pins): 35V
• Temperature Range: -30°C to 85°C
• Speed Grade: 1-8 MHz
8-bit
Microcontroller
with 16K/32K
Bytes In-System
Programmable
Flash
ATmega16HVB
ATmega32HVB
Advance
Information
Summary
8042AS–AVR–09/08


Similar Part No. - ATMEGA32HVB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega32HVB ATMEL-ATmega32HVB Datasheet
476Kb / 22P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATmega32HVB ATMEL-ATmega32HVB Datasheet
4Mb / 273P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA32HVB ATMEL-ATMEGA32HVB Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA32HVB ATMEL-ATMEGA32HVB Datasheet
6Mb / 275P
32 x 8 General Purpose Working Registers
ATMEGA32HVB-8X3 ATMEL-ATMEGA32HVB-8X3 Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA32HVB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com