Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF20V8BQL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF20V8BQL
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF20V8BQL Datasheet HTML 2Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 9Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ATF20V8B(Q)(L)
6
Input and I/O Pull-ups
All ATF20V8B family members have internal input and I/O
pull-up resistors. Therefore, whenever inputs or I/Os are
not being driven externally, they will float to V
CC.
This
ensures that all logic array inputs are at known states.
These are relatively weak active pull-ups that can easily be
overdriven by TTL-compatible drivers (see input and I/O
diagrams below).
Input Diagram
I/O Diagram
Functional Logic Diagram Description
The Logic Option and Functional Diagrams describe the
ATF20V8B architecture. Eight configurable macrocells can
be configured as a registered output, combinatorial I/O,
combinatorial output, or dedicated input.
The ATF20V8B can be configured in one of three different
modes. Each mode makes the ATF20V8B look like a dif-
ferent device. Most PLD compilers can choose the right
mode automatically. The user can also force the selection
by supplying the compiler with a mode selection. The deter-
mining factors would be the usage of register versus com-
binatorial outputs and dedicated outputs versus outputs
with output enable control.
The ATF20V8B universal architecture can be programmed
to emulate many 24-pin PAL devices. These architectural
subsets can be found in each of the configuration modes
described in the following pages. The user can download
the listed subset device JEDEC programming file to the
PLD programmer, and the ATF20V8B can be configured to
act like the chosen device. Check with your programmer
manufacturer for this capability.
Unused product terms are automatically disabled by the
compiler to decrease power consumption. A security fuse,
when programmed, protects the content of the ATF20V8B.
Eight bytes (64 fuses) of User Signature are accessible to
the user for purposes such as storing project name, part
number, revision, or date. The User Signature is accessi-
ble regardless of the state of the security fuse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com