Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233A-24T1T Datasheet(PDF) 39 Page - STMicroelectronics

Part # UPSD3233A-24T1T
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233A-24T1T Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UPSD3233A-24T1T Datasheet HTML 35Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 36Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 37Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 38Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 39Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 40Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 41Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 42Page - STMicroelectronics UPSD3233A-24T1T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
39/170
uPSD3234A, uPSD3234BV, uPSD3233B, uPSD3233BV
How Interrupts are Handled
The interrupt flags are sampled at S5P2 of every
machine cycle. The samples are polled during fol-
lowing machine cycle. If one of the flags was in a
set condition at S5P2 of the preceding cycle, the
polling cycle will find it and the interrupt system will
generate an LCALL to the appropriate service rou-
tine, provided this H/W generated LCALL is not
blocked by any of the following conditions:
–
An interrupt of equal priority or higher priority
level is already in progress.
–
The current machine cycle is not the final cycle
in the execution of the instruction in progress.
–
The instruction in progress is RETI or any
access to the interrupt priority or interrupt
enable registers.
The polling cycle is repeated with each machine
cycle, and the values polled are the values that
were present at S5P2 of the previous machine cy-
cle.
Note: If an interrupt flag is active but being re-
sponded to for one of the above mentioned condi-
tions, if the flag is still inactive when the blocking
condition is removed, the denied interrupt will not
be serviced. In other words, the fact that the inter-
rupt flag was once active but not serviced is not re-
membered. Every polling cycle is new.
The processor acknowledges an interrupt request
by executing a hardware generated LCALL to the
appropriate service routine. The hardware gener-
ated LCALL pushes the contents of the Program
Counter on to the stack (but it does not save the
PSW) and reloads the PC with an address that de-
pends on the source of the interrupt being vec-
tored to as shown in Table 24.
Execution proceeds from that location until the
RETI instruction is encountered. The RETI instruc-
tion informs the processor that the interrupt routine
is no longer in progress, then pops the top two
bytes from the stack and reloads the Program
Counter. Execution of the interrupted program
continues from where it left off.
Note: A simple RET instruction would also return
execution to the interrupted program, but it would
have left the interrupt control system thinking an
interrupt was still in progress, making future inter-
rupts impossible.
Table 24. Vector Addresses
Source
Vector Address
Int0
0003h
2nd USART
004Bh
Timer 0
000Bh
I²C
0043h
Int1
0013h
DDC
003Bh
Timer 1
001Bh
USB
0033h
1st USART
0023h
Timer 2+EXF2
002Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com