Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF750LVC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF750LVC
Description  High-speed Complex Programmable Logic Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF750LVC_08 Datasheet HTML 9Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 10Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 11Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 12Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 13Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 14Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 15Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 16Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
1447F–PLD–11/08
ATF750LVC
23. ATF750LVC Ordering Information
23.1
ATF750LVC Green Package Options (Pb/Halide-free/RoHS Compliant)
Note:
1. Special order only; TSSOP package requires special thermal management.
t
PD
(ns)
t
COS
(ns)
Ext. fMAXS
(MH
z)
Ordering Code
Package
Operation Range
15
10
55
ATF750LVC-15JU
ATF750LVC-15PU
ATF750LVC-15SU
ATF750LVC-15XU(1)
28J
24P3
24S
24X
Industrial
(-40°C to 85°C)
Package Type
28J
28-Lead, Plastic J-leaded Chip Carrier (PLCC)
24P3
24-lead, 0.300’ Wide, Plastic Dual Inline Package (PDIP)
24S
24-lead, 0.300” Wide, Plastic Gull Wing Small Outline (SOIC)
24X*
24-lead, 0.173” Wide, Thin Shrink Small Outline (TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com