Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF1502ASV Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF1502ASV
Description  Highperformance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF1502ASV_06 Datasheet HTML 9Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 10Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 11Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 12Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 13Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 14Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 15Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 16Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
1615J–PLD–01/06
ATF1502ASV
10. Timing Model
Figure 10-1. Timing Model
11. Input Test Waveforms and Measurement Levels
Figure 11-1. Input Test Waveforms and Measurement Levels
t
R, tF = 1.5 ns typical
12. Output AC Test Loads
Figure 12-1. Output AC Test Loads
Input
Delay
t
IN
Switch
Matrix
t
UIM
Foldback Term
Delay
t
SEXP
Register Control
Delay
t
LAC
t
IC
t
EN
Logic Array
Delay
t
LAD
Global Control
Delay
t
GLOB
Internal Output
Enable Delay
t
IOE
Cascade Logic
Delay
t
PEXP
Fast Input
Delay
t
FIN
Register
Delay
t
SU
t
H
t
PRE
t
CLR
t
RD
t
COMB
t
FSU
t
FH
Output
Delay
t
OD1
t
OD2
t
OD3
t
XZ
t
ZX1
t
ZX2
t
ZX3
I/O
Delay
t
IO
R1 = 703
Ω
3.0V
OUTPUT
PIN
CL = 35 pF
R2 = 8060
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com