Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF1504ASV Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1504ASV
Description  Low-voltage, Complex Programmable Logic Device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASV Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1504ASV Datasheet HTML 17Page - ATMEL Corporation ATF1504ASV Datasheet HTML 18Page - ATMEL Corporation ATF1504ASV Datasheet HTML 19Page - ATMEL Corporation ATF1504ASV Datasheet HTML 20Page - ATMEL Corporation ATF1504ASV Datasheet HTML 21Page - ATMEL Corporation ATF1504ASV Datasheet HTML 22Page - ATMEL Corporation ATF1504ASV Datasheet HTML 23Page - ATMEL Corporation ATF1504ASV Datasheet HTML 24Page - ATMEL Corporation ATF1504ASV Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
ATF1504ASV(L)
1409J–PLD–6/05
OUTPUT SINK CURRENT VS. OUTPUT VOLTAGE
(VCC = 3.3V, TA = 25°C)
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT VOLTAGE (V)
INPUT CLAMP CURRENT VS. INPUT VOLTAGE
(VCC = 3.3V, TA = 25°C)
-100
-80
-60
-40
-20
0
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
INPUT VOLTAGE (V)
INPUT CURRENT VS. INPUT VOLTAGE
(VCC = 3.3V, TA = 25°C)
-10
-5
0
5
10
15
00.5
11.5
22.5
33.5
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com