Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3858 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC3858
Description  POWER TRANSISTOR(17A,200V,200W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC3858 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC3858 Datasheet HTML 1Page - Mospec Semiconductor 2SC3858 Datasheet HTML 2Page - Mospec Semiconductor 2SC3858 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC3858

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3858 SANKEN-2SC3858 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
logo
Savantic, Inc.
2SC3858 SAVANTIC-2SC3858 Datasheet
169Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3858 JMNIC-2SC3858 Datasheet
98Kb / 4P
Silicon NPN Power Transistors
logo
Sanken electric
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
2SC3858 SAVANTIC-2SC3858 Datasheet
171Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3858

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6338 MOSPEC-2N6338 Datasheet
128Kb / 3P
POWER TRANSISTOR(25A,200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,180V,200W)
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SA1494 MOSPEC-2SA1494 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,200V,200W)
2SC2922 MOSPEC-2SC2922 Datasheet
119Kb / 3P
POWER TRANSISTORS(17A,180V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
logo
International Rectifier
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
logo
M/A-COM Technology Solu...
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1007 MA-COM-NPT1007_15 Datasheet
1,018Kb / 7P
200W RF Power Transistor
logo
Diodes Incorporated
FZT956 DIODES-FZT956_17 Datasheet
455Kb / 7P
200V PNP MEDIUM POWER TRANSISTOR
Rev 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com