Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML2724 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML2724 Datasheet HTML 9Page - Micro Linear Corporation ML2724 Datasheet HTML 10Page - Micro Linear Corporation ML2724 Datasheet HTML 11Page - Micro Linear Corporation ML2724 Datasheet HTML 12Page - Micro Linear Corporation ML2724 Datasheet HTML 13Page - Micro Linear Corporation ML2724 Datasheet HTML 14Page - Micro Linear Corporation ML2724 Datasheet HTML 15Page - Micro Linear Corporation ML2724 Datasheet HTML 16Page - Micro Linear Corporation ML2724 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005 13
Example 13kHz Loop Filter
MODES OF OPERATION
There are three key modes of operation:
STANDBY:
All circuits powered down, except the control interface (Static CMOS)
RECEIVE:
Receiver circuits active
TRANSMIT:
Modulated RF output from IC
The two operational modes are RECEIVE and TRANSMIT, controlled by RXON. XCEN is the chip enable/disable
control pin, which sets the part in operational or STANDBY modes. The relationship between the parallel control lines
and the mode of operation of the IC is given in Table 1.
XCEN
RXON
MODE
FUNCTION
0
X
STANDBY
Control interfaces active, all other circuits powered down
1
1
RECEIVE
Receiver time slot
1
0
TRANSMIT
Transmit time slot
Table 1: Modes of Operation
MODE CONTROL
The ML2724 is intended for use in TDD and TDMA radios in battery-powered equipment. To minimize power
consumption it is designed to switch rapidly from a low power mode (STANDBY) to an active mode. The ML2724 can
also make a quick transition from receive to transmit for TDD operation. Prior to transmitting or receiving, time should
be allowed for the PLL to lock and for the filters to align. When the ML2724 is operated in single-carrier TDD mode, the
LO is automatically shifted by the second (low) IF frequency when the device is switched between RECEIVE and
TRANSMIT modes.
ML2724 carrier frequency can be changed (hopped) at any time, but is usually changed between transmissions. Carrier
frequency (channel) is modified in the ML2724 by writing a corresponding new value to the PLL frequency register
(Register 1)
RECEIVE
The ML2724 uses a double-conversion super-heterodyne receiver with a nominal second IF of 1.024MHz. The signal
flow in RECEIVE mode is from the RF input, through an RF down-conversion mixer and integrated IF filter, image reject
quadrature mixer, integrated Low IF filter, hard limiter, frequency to voltage converter, and data filter to the AOUT pin
and data slicer where the digital NRZ data is available at the DOUT pin. A 20dB step AGC extends the dynamic range
of the receiver. The ML2724 receive chain is a Low IF receiver using advanced integrated radio techniques to eliminate
external IF filters and minimize external RF filter requirements. The precision filtering and demodulation circuits give
improved performance over conventional radio designs using external filters while providing integration comparable to
advanced direct conversion radio designs.
33nF
150
Ω
220nF
RVVCO
QPO
VTUNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com